전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISM330BX 데이터시트(PDF) 70 Page - STMicroelectronics

부품명 ISM330BX
상세설명  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX 데이터시트(HTML) 70 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 66Page - STMicroelectronics ISM330BX Datasheet HTML 67Page - STMicroelectronics ISM330BX Datasheet HTML 68Page - STMicroelectronics ISM330BX Datasheet HTML 69Page - STMicroelectronics ISM330BX Datasheet HTML 70Page - STMicroelectronics ISM330BX Datasheet HTML 71Page - STMicroelectronics ISM330BX Datasheet HTML 72Page - STMicroelectronics ISM330BX Datasheet HTML 73Page - STMicroelectronics ISM330BX Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 150 page
background image
9.24
FIFO_STATUS1 (1Bh)
FIFO status register 1 (R)
Table 74. FIFO_STATUS1 register
DIFF_
FIFO_7
DIFF_
FIFO_6
DIFF_
FIFO_5
DIFF_
FIFO_4
DIFF_
FIFO_3
DIFF_
FIFO_2
DIFF_
FIFO_1
DIFF_
FIFO_0
Table 75. FIFO_STATUS1 register description
DIFF_FIFO_[7:0]
Number of unread sensor data (TAG + 6 bytes) stored in FIFO
In conjunction with DIFF_FIFO_8 in FIFO_STATUS2 (1Ch).
9.25
FIFO_STATUS2 (1Ch)
FIFO status register 2 (R)
Table 76. FIFO_STATUS2 register
FIFO_
WTM_IA
FIFO_
OVR_IA
FIFO_
FULL_IA
COUNTER_
BDR_IA
FIFO_OVR_
LATCHED
0
0
DIFF_
FIFO_8
Table 77. FIFO_STATUS2 register description
FIFO_WTM_IA
FIFO watermark status. Default value: 0
(0: FIFO filling is lower than WTM;
1: FIFO filling is equal to or greater than WTM)
Watermark is set through bits WTM[7:0] in FIFO_CTRL1 (07h).
FIFO_OVR_IA
FIFO overrun status. Default value: 0
(0: FIFO is not completely filled; 1: FIFO is completely filled)
FIFO_FULL_IA
Smart FIFO full status. Default value: 0
(0: FIFO is not full; 1: FIFO will be full at the next ODR)
COUNTER_BDR_IA
Counter BDR reaches the CNT_BDR_TH_[10:0] threshold set in COUNTER_BDR_REG1 (0Bh) and
COUNTER_BDR_REG2 (0Ch). Default value: 0
This bit is reset when these registers are read.
FIFO_OVR_LATCHED
Latched FIFO overrun status. Default value: 0
This bit is reset when this register is read.
DIFF_FIFO_8
Number of unread sensor data (TAG + 6 bytes) stored in FIFO. Default value: 00
In conjunction with DIFF_FIFO[7:0] in FIFO_STATUS1 (1Bh)
ISM330BX
Register description
DS14588 - Rev 2
page 70/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com