전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISM330BX 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 ISM330BX
상세설명  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 31Page - STMicroelectronics ISM330BX Datasheet HTML 32Page - STMicroelectronics ISM330BX Datasheet HTML 33Page - STMicroelectronics ISM330BX Datasheet HTML 34Page - STMicroelectronics ISM330BX Datasheet HTML 35Page - STMicroelectronics ISM330BX Datasheet HTML 36Page - STMicroelectronics ISM330BX Datasheet HTML 37Page - STMicroelectronics ISM330BX Datasheet HTML 38Page - STMicroelectronics ISM330BX Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 150 page
background image
6
Functionality
6.1
Operating modes
In the ISM330BX, the accelerometer and the gyroscope can be turned on/off independently of each other and are
allowed to have different ODRs and power modes.
The ISM330BX has three operating modes available:
•
Only accelerometer active and gyroscope in power-down
•
Only gyroscope active and accelerometer in power-down
•
Both accelerometer and gyroscope sensors active with independent ODR and power mode
The accelerometer is activated from power-down by writing ODR_XL_[3:0] in CTRL1 (10h) while the gyroscope is
activated from power-down by writing ODR_G_[3:0] in CTRL2 (11h). For combo mode, the ODRs are totally
independent.
In addition to the accelerometer mode above, a dedicated TDM output can be used for the accelerometer output.
6.2
Accelerometer power modes
In the ISM330BX, the accelerometer can be configured in three different operating modes: power-down mode,
low-power mode, and high-performance mode.
The operating mode selected depends on the value of the OP_MODE_XL_[2:0] bits in CTRL1 (10h).
If the value of the OP_MODE_XL_[2:0] bits is 000 (default), high-performance mode is valid for all ODRs (from
7.5 Hz up to 3.84 kHz).
In high-performance mode, the analog antialiasing filter is active.
Low-power mode is available for lower ODRs (1.875 Hz, 15 Hz, 30 Hz, 60 Hz, 120 Hz, 240 Hz). The three low-
power modes are enabled by setting OP_MODE_XL_[2:0] to 100 (LPM1), 101 (LPM2), 110 (LPM3).
The embedded functions based on accelerometer data (free-fall, 6D, tap/double-tap, wake-up, activity/inactivity,
stationary/motion, step counter, step detection, significant motion, tilt) and the FIFO batching functionality are
supported in all modes.
ISM330BX
Functionality
DS14588 - Rev 2
page 35/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com