전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISM330BX 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 ISM330BX
상세설명  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 8Page - STMicroelectronics ISM330BX Datasheet HTML 9Page - STMicroelectronics ISM330BX Datasheet HTML 10Page - STMicroelectronics ISM330BX Datasheet HTML 11Page - STMicroelectronics ISM330BX Datasheet HTML 12Page - STMicroelectronics ISM330BX Datasheet HTML 13Page - STMicroelectronics ISM330BX Datasheet HTML 14Page - STMicroelectronics ISM330BX Datasheet HTML 15Page - STMicroelectronics ISM330BX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 150 page
background image
4
Module specifications
4.1
Mechanical characteristics
@VDD = 1.8 V, T = 25°C, unless otherwise noted.
Table 3. Mechanical characteristics
Symbol Parameter
Test conditions
Min.(1)
Typ.(2)
Max.(1)
Unit
LA_FS
Linear acceleration measurement range
±2
g
±4
±8
G_FS
Angular rate measurement range
±125
dps
±250
±500
±1000
±2000
±4000
LA_So
Linear acceleration sensitivity(3)
FS = ±2 g
0.061
mg/LSB
FS = ±4 g
0.122
FS = ±8 g
0.244
G_So
Angular rate sensitivity(3)
FS = ±125 dps
4.375
mdps/LSB
FS = ±250 dps
8.75
FS = ±500 dps
17.50
FS = ±1000 dps
35
FS = ±2000 dps
70
FS = ±4000 dps
140
G_So%
Sensitivity tolerance(4)
at component level
±1
%
LA_SoDr Linear acceleration sensitivity change vs. temperature(5)
from -40° to +85°C
-0.005 ±0.002 +0.005
%/°C
G_SoDr Angular rate sensitivity change vs. temperature(5)
from -40° to +85°C
-0.015 ±0.005 +0.015
%/°C
LA_TyOff Linear acceleration zero-g level offset accuracy(4)
±20
mg
G_TyOff Angular rate zero-rate level(4)
±2
dps
LA_OffDr Linear acceleration zero-g level change vs. temperature(5)
from -40° to +85°C
-0.7
±0.25
+0.7
mg/°C
G_OffDr Angular rate typical zero-rate level change vs. temperature(5)
from -40° to +85°C
-0.03
±0.016
+0.03
dps/°C
L_Cx
Linear acceleration cross-axis sensitivity
T = 25°C
±0.5
%
G_Cx
Angular rate cross-axis sensitivity
T = 25°C
±1.2
%
Rn
Rate noise density in high-performance mode(6)
4.5
mdps/√Hz
RnRMS Gyroscope RMS noise in low-power mode(7)
80
mdps
G_BI
Gyroscope bias instability
T = 25°C
6
deg/h
An
SPI/I²C/I3C interface - acceleration noise density in high-
performance mode(8)
FS independent
70
90
µg/√Hz
TDM interface - acceleration noise density(9)
FS independent
30
RMS
Accelerometer RMS noise in low-power mode(10)
LPM1
2.8
mg RMS
ISM330BX
Module specifications
DS14588 - Rev 2
page 12/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com