전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISM330BX 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 ISM330BX
상세설명  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 27Page - STMicroelectronics ISM330BX Datasheet HTML 28Page - STMicroelectronics ISM330BX Datasheet HTML 29Page - STMicroelectronics ISM330BX Datasheet HTML 30Page - STMicroelectronics ISM330BX Datasheet HTML 31Page - STMicroelectronics ISM330BX Datasheet HTML 32Page - STMicroelectronics ISM330BX Datasheet HTML 33Page - STMicroelectronics ISM330BX Datasheet HTML 34Page - STMicroelectronics ISM330BX Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 150 page
background image
5.3
TDM interface
Time-division multiplexing (TDM) is a method of putting multiple data streams in one data signal by separating the
signal into many frames. There are many ways to accomplish this.
5.3.1
Frame synchronization (WCLK)
The function of the WCLK is simply to identify the beginning of a frame. In particular the frame starts at the rising
edge of WCLK and the WCLK widths supported are:
•
50% duty cycle
•
One slot width (16 BCLK)
•
One BCLK width
In TDM mode, ISM330BX shall output accelerometer data on the TDMout pin at the following sampling rates:
•
WCLK = 8 kHz
•
WCLK = 16 kHz
5.3.2
Serial clock (BCLK)
The sole purpose of the serial clock BCLK is to shift the data out of the serial TDMout port. To this purpose, the
TDM interface uses an internal counter that is set to one when the rising edge of the WCLK is detected, and it is
reset to zero when the maximum number of BCLK in a WCLK period is reached.
ISM330BX
Digital interfaces
DS14588 - Rev 2
page 31/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com