전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISM330BX 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 ISM330BX
상세설명  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 20Page - STMicroelectronics ISM330BX Datasheet HTML 21Page - STMicroelectronics ISM330BX Datasheet HTML 22Page - STMicroelectronics ISM330BX Datasheet HTML 23Page - STMicroelectronics ISM330BX Datasheet HTML 24Page - STMicroelectronics ISM330BX Datasheet HTML 25Page - STMicroelectronics ISM330BX Datasheet HTML 26Page - STMicroelectronics ISM330BX Datasheet HTML 27Page - STMicroelectronics ISM330BX Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 150 page
background image
5.1.2
I²C operation
The transaction on the bus is started through a start (ST) signal. A start condition is defined as a high to low
transition on the data line while the SCL line is held high. After this has been transmitted by the controller, the bus
is considered busy. The next byte of data transmitted after the start condition contains the address of the target in
the first 7 bits and the eighth bit tells whether the controller is receiving data from the target or transmitting data to
the target. When an address is sent, each device in the system compares the first seven bits after a start
condition with its address. If they match, the device considers itself addressed by the controller.
The target address (TAD) associated to the ISM330BX is 110101xb. The SDO/TA0 pin can be used to modify the
less significant bit of the device address. If the SDO/TA0 pin is connected to the supply voltage, LSb is 1 (address
1101011b). If the SDO/TA0 pin is connected to ground, the LSb value is 0 (address 1101010b). This solution
permits to connect and address two different inertial modules to the same I²C bus.
Data transfer with acknowledge is mandatory. The transmitter must release the SDA line during the acknowledge
pulse. The receiver must then pull the data line low so that it remains stable low during the high period of the
acknowledge clock pulse. A receiver that has been addressed is obliged to generate an acknowledge after each
byte of data received.
The I²C embedded inside the ISM330BX behaves like a target device and the following protocol must be adhered
to. After the start condition (ST) a target address is sent, once a target acknowledge (TAK) has been returned, an
8-bit subaddress (SUB) is transmitted. The increment of the address is configured by the CTRL3 (12h) (IF_INC).
The target address is completed with a read/write bit. If the bit is 1 (read), a repeated start (SR) condition must be
issued after the two subaddress bytes. If the bit is 0 (write) the controller transmits to the target with direction
unchanged. Table 13 explains how the TAD+read/write bit pattern is composed, listing all the possible
configurations.
Table 13. TAD+read/write patterns
Command
TAD[6:1]
TAD[0] = TA0
R/W
TAD+R/W
Read
110101
0
1
11010101 (D5h)
Write
110101
0
0
11010100 (D4h)
Read
110101
1
1
11010111 (D7h)
Write
110101
1
0
11010110 (D6h)
Table 14. Transfer when controller is writing one byte to target
Controller
ST
TAD + W
SUB
DATA
SP
Target
TAK
TAK
TAK
Table 15. Transfer when controller is writing multiple bytes to target
Controller
ST
TAD + W
SUB
DATA
DATA
SP
Target
TAK
TAK
TAK
TAK
Table 16. Transfer when controller is receiving (reading) one byte of data from target
Controller
ST
TAD + W
SUB
SR
TAD + R
NCAK
SP
Target
TAK
TAK
TAK
DATA
Table 17. Transfer when controller is receiving (reading) multiple bytes of data from target
Controller
ST
TAD+W
SUB
SR
TAD+R
CAK
CAK
NCAK
SP
Target
TAK
TAK
TAK
DATA
DATA
DATA
ISM330BX
Digital interfaces
DS14588 - Rev 2
page 24/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com