전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISM330BX 데이터시트(PDF) 30 Page - STMicroelectronics

부품명 ISM330BX
상세설명  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX 데이터시트(HTML) 30 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 26Page - STMicroelectronics ISM330BX Datasheet HTML 27Page - STMicroelectronics ISM330BX Datasheet HTML 28Page - STMicroelectronics ISM330BX Datasheet HTML 29Page - STMicroelectronics ISM330BX Datasheet HTML 30Page - STMicroelectronics ISM330BX Datasheet HTML 31Page - STMicroelectronics ISM330BX Datasheet HTML 32Page - STMicroelectronics ISM330BX Datasheet HTML 33Page - STMicroelectronics ISM330BX Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 150 page
background image
Command
Command code
Default
Description
GETPID
0x8D
0x02
0x08
0x00
0x71
0x92
0x0B
SDO = 1
0x02
0x08
0x00
0x71
0x12
0x0B
SDO = 0
GETBCR
0x8E
0x27
(1 byte)
Bus characteristics register
GETDCR
0x8F
0x44 default
MIPI I3C® device characteristics register
GETSTATUS
0x90
0x00
0x00
(2 byte)
Status register
GETMXDS
0x94
0x08
0x60
Return max write and read speed
GETCAPS
0x95
0x00
0x11
0x18
0x00
Provide information about device capabilities and supported extended features
SETGRPA
0x9B
Group address assignment command
RSTGRPA
0x2C / 0x9C
Reset the group address
RSTACT
0x9A / 0x2A
Configure target reset action
5.2.3
Overview of antispike filter management
The device acts as a standard I²C target as long as it has an I²C static address. The device is capable of
detecting and disabling the I²C antispike filter after detecting the broadcast address (7'h7E/W). In order to
guarantee proper behavior of the device, the I3C controller must emit the first START, 7'h7E/W at open-drain
speed using I²C fast mode plus reference timing.
After detecting the broadcast address, the device can receive the I3C dynamic address following the I3C push-
pull timing. If the device is not assigned a dynamic address, then the device continues to operate as an I²C device
with no antispike filter. For the case in which the host decides to keep the device as I²C with an antispike filter,
there is a configuration required to keep the antispike filter active. This configuration is done by writing the
ASF_CTRL bit to 1 in the IF_CFG (03h) register. This configuration forces the antispike filter to always be turned
on instead of being managed by the communication on the bus.
ISM330BX
Digital interfaces
DS14588 - Rev 2
page 30/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com