전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISM330BX 데이터시트(PDF) 92 Page - STMicroelectronics

부품명 ISM330BX
상세설명  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX 데이터시트(HTML) 92 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 88Page - STMicroelectronics ISM330BX Datasheet HTML 89Page - STMicroelectronics ISM330BX Datasheet HTML 90Page - STMicroelectronics ISM330BX Datasheet HTML 91Page - STMicroelectronics ISM330BX Datasheet HTML 92Page - STMicroelectronics ISM330BX Datasheet HTML 93Page - STMicroelectronics ISM330BX Datasheet HTML 94Page - STMicroelectronics ISM330BX Datasheet HTML 95Page - STMicroelectronics ISM330BX Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 150 page
background image
9.61
TDM_CFG0 (6Ch)
TDM configuration register 0 (R/W)
Table 163. TDM_CFG0 register
1(1)
TDM_
DELAYED_CFG
TDM_BCLK
_EDGE_SEL
TDM_
SLOT_SEL
0(2)
TDM_
WCLK_1
TDM_
WCLK_0
TDM_WCLK
_BCLK_SEL
1. This bit must be set to 1 for the correct operation of the device.
2. This bit must be set to 0 for the correct operation of the device.
Table 164. TDM_CFG0 register description
TDM_DELAYED_CFG
Enables TDM delayed configuration. Default value: 0
(0: disabled; 1: enabled)
TDM_BCLK_EDGE_SEL
BCLK edge selection for TDM interface. Default value: 0
(0: sampling on BCLK rising edge; 1: sampling on BCLK falling edge)
TDM_SLOT_SEL
Selection of TDM slot for transmission. Default value: 0
(0: slot {0, 1, 2} is selected; 1: slot {4, 5, 6} is selected)
TDM_WCLK_[1:0]
TDM word clock frequency selection (see Table 165)
TDM_WCLK_BCLK_SEL
Selection of cross association between WCLK and BCLK frequencies (see Table 165)
Table 165. WCLK and BCLK frequencies
TDM_WCLK_[1:0]
TDM_WCLK_BCLK_SEL
WCLK
BCLK
01
0
16 kHz
2048 kHz
00
1
8 kHz
2048 kHz
ISM330BX
Register description
DS14588 - Rev 2
page 92/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com