전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISM330BX 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 ISM330BX
상세설명  6-axis IMU (inertial measurement unit) with wide bandwidth, low-noise accelerometer, embedded AI and sensor fusion for industrial applications
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM330BX 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button ISM330BX Datasheet HTML 12Page - STMicroelectronics ISM330BX Datasheet HTML 13Page - STMicroelectronics ISM330BX Datasheet HTML 14Page - STMicroelectronics ISM330BX Datasheet HTML 15Page - STMicroelectronics ISM330BX Datasheet HTML 16Page - STMicroelectronics ISM330BX Datasheet HTML 17Page - STMicroelectronics ISM330BX Datasheet HTML 18Page - STMicroelectronics ISM330BX Datasheet HTML 19Page - STMicroelectronics ISM330BX Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 150 page
background image
4.3
Temperature sensor characteristics
@VDD = 1.8 V, T = 25°C unless otherwise noted.
Table 6. Temperature sensor characteristics
Symbol
Parameter
Test condition
Min.(1)
Typ. (2)
Max.(1)
Unit
TODR(3)
Temperature refresh rate
60
Hz
Toff
Temperature offset(4)
-15
+15
°C
TSen
Temperature sensitivity
256
LSB/°C
TST
Temperature stabilization time(5)
500
µs
T_ADC_res
Temperature ADC resolution
16
bit
Top
Operating temperature range
-40
+85
°C
1. Min/Max values are based on characterization results at 3σ on a limited number of samples, not tested in production and not guaranteed.
2. Typical specifications are not guaranteed
3. When the accelerometer is in low-power mode and the gyroscope part is turned off, the TODR value is equal to the accelerometer ODR.
4. The output of the temperature sensor is 0 LSB (typ.) at 25°C.
5. Time from power ON to valid data based on characterization data.
ISM330BX
Module specifications
DS14588 - Rev 2
page 16/150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com