전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D950-CORE 데이터시트(PDF) 59 Page - STMicroelectronics

부품명 D950-CORE
상세설명  16-Bit Fixed Point Digital Signal Processor DSP Core
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D950-CORE 데이터시트(HTML) 59 Page - STMicroelectronics

Back Button D950-CORE Datasheet HTML 55Page - STMicroelectronics D950-CORE Datasheet HTML 56Page - STMicroelectronics D950-CORE Datasheet HTML 57Page - STMicroelectronics D950-CORE Datasheet HTML 58Page - STMicroelectronics D950-CORE Datasheet HTML 59Page - STMicroelectronics D950-CORE Datasheet HTML 60Page - STMicroelectronics D950-CORE Datasheet HTML 61Page - STMicroelectronics D950-CORE Datasheet HTML 62Page - STMicroelectronics D950-CORE Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 89 page
background image
59/89
D950-Core
6.3.3 Hardware Reset
Figure 6.3
Hardware Rese
t
CLKIN
INCYCLE
IA
XX
IBS
IRD
RESET
0000
XXXX
VR02019G
: Hi - Z
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89