전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DBDDFR 데이터시트(PDF) 16 Page - Texas Instruments

부품명 TMP411DBDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DBDDFR 데이터시트(HTML) 16 Page - Texas Instruments

Back Button TMP411DBDDFR Datasheet HTML 12Page - Texas Instruments TMP411DBDDFR Datasheet HTML 13Page - Texas Instruments TMP411DBDDFR Datasheet HTML 14Page - Texas Instruments TMP411DBDDFR Datasheet HTML 15Page - Texas Instruments TMP411DBDDFR Datasheet HTML 16Page - Texas Instruments TMP411DBDDFR Datasheet HTML 17Page - Texas Instruments TMP411DBDDFR Datasheet HTML 18Page - Texas Instruments TMP411DBDDFR Datasheet HTML 19Page - Texas Instruments TMP411DBDDFR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 61 page
background image
6.10 Typical Characteristics (TMP411D)
At TA = 25°C and V+ = 3.3V (unless otherwise noted)
Ambient Temperature TA (C)
-40
-20
0
20
40
60
80
100
120
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
TMP411D (Max)
TMP411D (min)
V+ = 3.3V (30 Units Shown)
Figure 6-22. Local Temperature Error vs TMP411D Ambient
Temperature
Ambient Temperature, TA (C)
-40
-20
0
20
40
60
80
100
120
-1.5
-1
-0.5
0
0.5
1
1.5
TMP411D Max
TMP411D min
V+ = 3.3V (30 Units Shown) &
=1.008
Figure 6-23. Remote Temperature Error vs TMP411D Ambient
Temperature
Leakage Resistance (M
)
0
5
10
15
20
25
30
35
40
45
50
-60
-50
-40
-30
-20
-10
0
10
20
D+ to GND
D+ to V+
Figure 6-24. Remote Temperature Error vs Leakage Resistance
RS ()
0
500
1,000
1,500
2,000
2,500
3,000
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
V+ = 1.62V
V+ = 2.7V
V+ = 5.5V
Figure 6-25. Remote Temperature Error vs Series Resistance
(Diode-Connected Transistor, 2N3906 PNP)
RS ()
0
500
1,000
1,500
2,000
2,500
3,000
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
V+ = 1.62V to 5.5V
Figure 6-26. Remote Temperature Error vs Series Resistance
(GND Collector-Connected Transistor, 2N3906 PNP)
Differential Capacitance (nF)
0
0.5
1
1.5
2
2.5
3
-3
-2
-1
0
1
2
3
Figure 6-27. Remote Temperature Error vs Differential
Capacitance
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com