전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DBDDFR 데이터시트(PDF) 23 Page - Texas Instruments

부품명 TMP411DBDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DBDDFR 데이터시트(HTML) 23 Page - Texas Instruments

Back Button TMP411DBDDFR Datasheet HTML 19Page - Texas Instruments TMP411DBDDFR Datasheet HTML 20Page - Texas Instruments TMP411DBDDFR Datasheet HTML 21Page - Texas Instruments TMP411DBDDFR Datasheet HTML 22Page - Texas Instruments TMP411DBDDFR Datasheet HTML 23Page - Texas Instruments TMP411DBDDFR Datasheet HTML 24Page - Texas Instruments TMP411DBDDFR Datasheet HTML 25Page - Texas Instruments TMP411DBDDFR Datasheet HTML 26Page - Texas Instruments TMP411DBDDFR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
7.3.4 THERM (Pin 4) and ALERT/THERM2 (Pin 6)
The THERM and ALERT/THERM2 pins on the TMP411/TMP411D device are dedicated to alarm functions. The
pins are open-drain outputs that each require a pullup resistor to V+. These pins can be wire-ORed together
with other alarm pins for system monitoring of multiple sensors. The THERM pin provides a thermal interrupt
that cannot be software disabled. The ALERT pin is an earlier warning interrupt, and can be software disabled
or masked. The ALERT/THERM2 pin can be configured as a THERM2 pin, which is a second THERM pin
(Configuration Register: AL or TH bit = 1). The default setting configures pin 6 to function as an ALERT pin (AL
or TH = 0).
The THERM pin asserts low when the measured local or remote temperature is outside of the temperature
range programmed in the corresponding Local and Remote THERM Limit Register. The THERM temperature
limit range can be programmed with a wider range than that of the limit registers, which allows the ALERT pin
to provide an earlier warning than the THERM pin. The THERM alarm resets automatically when the measured
temperature falls within the THERM temperature limit range minus the hysteresis value stored in the THERM
Hysteresis Register. The permitted hysteresis values are listed in Table 8-8. The default hysteresis is 10°C.
When the ALERT/THERM2 pin is configured as a second thermal alarm (Configuration Register: bit 7 = 0, bit 5
= 1), the pin functions the same as the THERM pin, but uses the temperatures stored in the Local and Remote
Temperature High and Low Limit Registers to set the comparison range.
When ALERT/THERM2 (pin 6) is configured as an ALERT pin, (Configuration Register: bit 7 = 0, bit 5 = 0), the
pin asserts low when the measured local or remote temperature violates the range limit set by the corresponding
Local and Remote Temperature High and Low Limit Registers. The alert function configures to assert only if the
range is violated a specified number of consecutive times (either one, two, three or four times). The consecutive
violation limit is set in the Consecutive Alert Register. Required consecutive faults prevent false alerts that are
caused by environmental noise. The ALERT pin asserts low if the remote temperature sensor is open-circuit.
When the MASK function is enabled (Configuration Register: bit 7 = 1), the ALERT pin is disabled (that is,
masked). The ALERT pin resets when the controller reads the device address, as long as the condition that
caused the alert no longer persists, and the Status Register is reset.
7.3.5 Sensor Fault
The TMP411/TMP411D senses a fault at the D+ input resulting from an incorrect diode connection or an open
circuit. The detection circuitry consists of a voltage comparator that trips when the voltage at D+ exceeds (V+)
− 0.6V (typical). The comparator output is checked during a conversion. If a fault is detected, the last valid
measured temperature is the temperature measurement result, the OPEN bit (Status Register, bit 2) is set high,
and the ALERT pin asserts low if the alert function is enabled.
The D+ and D− inputs must be connected together to prevent meaningless fault warnings when the TMP411/
TMP411D remote sensor is not in use.
7.3.6 Undervoltage Lockout (TMP411 Only)
Legacy Chip: The TMP411 senses when the power-supply voltage reaches a minimum voltage level for the
ADC converter to function as shown in Figure 7-2. The detection circuitry consists of a voltage comparator
that enables the ADC converter after the power supply (V+) exceeds 2.45V (typical). The comparator output is
checked during a conversion. The TMP411 does not perform a temperature conversion if the power supply is not
valid. The last valid measured temperature is remained as the temperature measurement result. Note that the
device can still communicate with the Host when the power supply value is between Power-on-reset (POR) and
Undervoltage Lockout voltages.
New Chip: This behavior is combined with Power-on-reset (POR) and the user must consider POR instead of
Undervoltage lockout. The new chip can both communicate with the Host and do temperature conversion when
the power supply value is above POR voltage as shown in Figure 7-3. In addition, when there is no remote diode
connected, the first remote conversion must be ignored with the power supply ramp rate less than 240V/s.
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com