전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DBDDFR 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TMP411DBDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DBDDFR 데이터시트(HTML) 4 Page - Texas Instruments

  TMP411DBDDFR Datasheet HTML 1Page - Texas Instruments TMP411DBDDFR Datasheet HTML 2Page - Texas Instruments TMP411DBDDFR Datasheet HTML 3Page - Texas Instruments TMP411DBDDFR Datasheet HTML 4Page - Texas Instruments TMP411DBDDFR Datasheet HTML 5Page - Texas Instruments TMP411DBDDFR Datasheet HTML 6Page - Texas Instruments TMP411DBDDFR Datasheet HTML 7Page - Texas Instruments TMP411DBDDFR Datasheet HTML 8Page - Texas Instruments TMP411DBDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
2. Temperature accuracy is specified over whole power supply.
3. Remote temperature accuracy is specified over TDIODE = -40°C to 150°C.
4. Remote temperature accuracy is specified over TDIODE = -55°C to 150°C.
5. Remote temperature accuracy is specified over TDIODE = -55°C to 125°C.
TMP 411D x Q yyy R Q1
Device Name
(TMP411 or TMP411D)
I2C Address (A, B, C, D or E)
Optional: Only Automotive Qualified
TI Package Designator (DGK, D or DDF)
T&R Packing size
Optional: Only Grade-1 Automotive Qualified
Sensor Family
Figure 4-1. TMP411/TMP411D Device Nomenclature
Table 4-2. TMP411/TMP411D Device Nomenclature Description
Field Description
Field Detail
Sensor Family
TMP: Temperature Sensors
Device Name
411 or 411D
I2C Address
•
TMP411A/ TMP411DA - 4Ch/ 1001100'b
•
TMP411B/ TMP411DB - 4Dh/ 1001101'b
•
TMP411C/ TMP411DC - 4Eh/ 1001110'b
•
TMP411E/ TMP411DE - 4Ch/ 1001100'b - Offset register
Automotive qualified
Optional: applies to only automotive qualified devices
TI Package Designator
TMP411:
•
D, SOIC package, 1.75mm (max) height
•
DGK, VSSOP package, 1.1mm (max) height
TMP411D:
•
DDF, SOT23 package, 1.1mm (max) height
T&R Packing Size
Large T&R, SPQ (TMP411) = 2,500 units & SPQ (TMP411D) = 3,000 units
Automotive grade-1 qualified
Optional: AEC-Q100 Qualified for automotive applications
Table 4-3. TMP411/TMP411D Device Nomenclature Detail
PRODUCT
OUT
TMP411x yyyR
x indicates that the device has A, B, C or E variant. These devices can ship with the legacy chip (CSO:
WFM or DM5) or the new chip (CSO: RFB). The reel packaging label provides date code information
to distinguish which chip is being used. Device performance for new and legacy chips is denoted
throughout the document.
yyy indicates that the package type of the device which can be D (SOIC 8-pin) or DGK (VSSOP 8-pin).
TMP411Dx yyyR
x indicates that the device has A, B, C or E variant. TMP411D has only CSO: RFB.
yyy indicates that the package type of the device which is DDF (SOT23 8-pin).
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com