전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DBDDFR 데이터시트(PDF) 40 Page - Texas Instruments

부품명 TMP411DBDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DBDDFR 데이터시트(HTML) 40 Page - Texas Instruments

Back Button TMP411DBDDFR Datasheet HTML 36Page - Texas Instruments TMP411DBDDFR Datasheet HTML 37Page - Texas Instruments TMP411DBDDFR Datasheet HTML 38Page - Texas Instruments TMP411DBDDFR Datasheet HTML 39Page - Texas Instruments TMP411DBDDFR Datasheet HTML 40Page - Texas Instruments TMP411DBDDFR Datasheet HTML 41Page - Texas Instruments TMP411DBDDFR Datasheet HTML 42Page - Texas Instruments TMP411DBDDFR Datasheet HTML 43Page - Texas Instruments TMP411DBDDFR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMP411/TMP411D only requires a transistor connected between the D+ and D– pins for remote
temperature measurement. Tie the D+ pin to D- if the remote channel is not used and only the local temperature
is measured. The SDA, ALERT and THERM pins (and SCL, if driven by an open-drain output) require pullup
resistors as part of the communication bus. TI recommends using a 0.1µF power-supply decoupling capacitor
for local bypassing. Figure 9-1 illustrates the typical configurations for the TMP411/TMP411D. For V+ ≥ 2.7V as
shown in Figure 9-1, TMP411/TMP411D digital pins (4, 6, 7 and 8) can be connected to a separate I2C pullup
and supply voltage due to fixed logic input voltages. However, for V+ < 2.7V as shown in Figure 9-2, TMP411D
digital pins (SCL, SDA) must be connected to an equal I2C pullup and supply voltage due to ratiometric logic
input voltages (30%/70% of V+ pin).
TMP411
TMP411D
D+
D–
SCL
SDA
GND
V+
Processor or ASIC
SMBus
Controller
1
2
3
4
5
8
7
6
2.7V to 5.5V
2.7V to 5.5V
Fixed
V
IH/VIL
Built-In Thermal
Transistor, Diode
Overtemperature
Shutdown
THERM
THERM2
ALERT /
Figure 9-1. TMP411/TMP411D Simplified Block Diagram (Separate I2C Pullup and Supply Voltage
Application while V+ ≥ 2.7V)
TMP411D
D+
D–
SCL
SDA
GND
V+
Processor or ASIC
SMBus
Controller
1
2
3
4
5
8
7
6
Built-In Thermal
Transistor, Diode
Overtemperature
Shutdown
THERM
THERM2
ALERT /
1.62V to 2.7V
V
IH/VIL: 0.7/0.3 V+
Figure 9-2. TMP411D Simplified Block Diagram (Equal I2C Pullup and Supply Voltage Application while
V+ < 2.7V)
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com