전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DBDDFR 데이터시트(PDF) 43 Page - Texas Instruments

부품명 TMP411DBDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DBDDFR 데이터시트(HTML) 43 Page - Texas Instruments

Back Button TMP411DBDDFR Datasheet HTML 39Page - Texas Instruments TMP411DBDDFR Datasheet HTML 40Page - Texas Instruments TMP411DBDDFR Datasheet HTML 41Page - Texas Instruments TMP411DBDDFR Datasheet HTML 42Page - Texas Instruments TMP411DBDDFR Datasheet HTML 43Page - Texas Instruments TMP411DBDDFR Datasheet HTML 44Page - Texas Instruments TMP411DBDDFR Datasheet HTML 45Page - Texas Instruments TMP411DBDDFR Datasheet HTML 46Page - Texas Instruments TMP411DBDDFR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
9.2.3 Application Curves
3
2
1
0
í1
í2
í3
TA
í50
í25
125
100
75
50
25
0
V
S = 3.3V
T
DIODE = +25 °C (temperature at remote diode)
30 Typical Units Shown
= 1.008
Ambient Temp erature,
(°C)
Figure 9-4. Remote Temperature Error vs TMP411
Ambient Temperature (Legacy chip)
Ambient Te mperature, TA (C)
-50
-25
0
25
50
75
100
125
-3
-2
-1
0
1
2
3
VS = 3.3V
TDIODE = +25°C (temperature at remote diode)
30 Typical Units Shown
 = 1.008
Figure 9-5. Remote Temperature Error vs TMP411
Ambient Temperature (New chip)
Ambient Temperature, TA ( °C)
3.0
2.0
1.0
0
í1.0
í2.0
í3.0
í50
125
í25
0
25
50
75
100
50 Units Shown
V
S = 3.3V
Figure 9-6. Local Temperature Error vs TMP411
Ambient Temperature (Legacy chip)
Ambient Te mperature, TA (C)
-50
-25
0
25
50
75
100
125
-3
-2
-1
0
1
2
3
VS = 3.3V (50 Units Shown)
Figure 9-7. Local Temperature Error vs TMP411
Ambient Temperature (New chip)
Ambient Temperature, TA (C)
-40
-20
0
20
40
60
80
100
120
-1.5
-1
-0.5
0
0.5
1
1.5
TMP411D Max
TMP411D min
V+ = 3.3V (30 Units Shown) &
=1.008
Figure 9-8. Remote Temperature Error vs TMP411D
Ambient Temperature
Ambient Temperature TA (C)
-40
-20
0
20
40
60
80
100
120
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
TMP411D (Max)
TMP411D (min)
V+ = 3.3V (30 Units Shown)
Figure 9-9. Local Temperature Error vs TMP411D
Ambient Temperature
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com