전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DBDDFR 데이터시트(PDF) 24 Page - Texas Instruments

부품명 TMP411DBDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DBDDFR 데이터시트(HTML) 24 Page - Texas Instruments

Back Button TMP411DBDDFR Datasheet HTML 20Page - Texas Instruments TMP411DBDDFR Datasheet HTML 21Page - Texas Instruments TMP411DBDDFR Datasheet HTML 22Page - Texas Instruments TMP411DBDDFR Datasheet HTML 23Page - Texas Instruments TMP411DBDDFR Datasheet HTML 24Page - Texas Instruments TMP411DBDDFR Datasheet HTML 25Page - Texas Instruments TMP411DBDDFR Datasheet HTML 26Page - Texas Instruments TMP411DBDDFR Datasheet HTML 27Page - Texas Instruments TMP411DBDDFR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
2.4V
t (sec)
VS (V)
2.7V
To
5.5V
t (sec)
Vout_ADC (V)
Undervoltage lockout
TMP411 Supply
Voltage range
1.6V
POR
Figure 7-2. Undervoltage Lockout Behavior
(Legacy Chip)
2.45V
t (sec)
VS (V)
2.7V
To
5.5V
Vout_ADC (V)
Undervoltage lockout
TMP411 Supply
Voltage range
1.23V
POR
t (sec)
Figure 7-3. Undervoltage Lockout Behavior (New
Chip)
7.3.7 Filtering
Remote junction temperature sensors are typically implemented in a noisy environment. Noise is often created
by fast digital signals that corrupt measurements. The TMP411/TMP411D has a built-in 65kHz filter on the D+
and D− inputs to minimize the effects of noise. TI recommends placing a bypass capacitor differentially across
the sensor inputs to protect the application against unwanted coupled signals. The value of the capacitor must
be between 100pF and 1nF. Some applications have better overall accuracy with additional series resistance,
however, this increased accuracy is specific to the setup. When series resistance is added, the value must not
be greater than 3kΩ.
If filtering is needed, TI recommends component values of 100pF and 50Ω on each input. Exact values are
specific to the application.
7.4 Device Functional Modes
7.4.1 Shutdown Mode (SD)
The TMP411/TMP411D shutdown mode saves maximum power by shutting down all device circuitry other than
the serial interface, which reduces current consumption to typically less than 3μA (0.6μA for TMP411 new chip
and TMP411D); see Figure 6-20 (Figure 6-21 for new chip). Shutdown mode is enabled when the shutdown
bit (SD) of the Configuration Register is configured 1’b. Once programmed, the device enters the shutdown
mode immediately and stops any current temperature conversion. If the shutdown mode is entered during
local temperature conversion, no update to local/remote temperature result occurs. If the shutdown mode is
entered during remote temperature conversion, no update to the remote temperature result occurs, but the local
temperature result is updated since the local temperature conversion is already completed. When the shutdown
bit (SD) is configured to 0’b, the device remains in continuous conversion state.
7.4.2 One-Shot Conversion
When the TMP411/TMP411D is in shutdown mode (SD = 1 in the Configuration Register), a single conversion
on both channels starts by writing any value to the One-Shot Start Register (pointer address 0Fh). This
write operation starts one conversion, and the TMP411/TMP411D device returns to shutdown mode when the
conversion is complete. The value of the data sent in the write command is irrelevant, and is not stored by
the TMP411/TMP411D. When the TMP411/TMP411D is in shutdown mode, an initial 200μs is required before a
one-shot command is given.
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com