전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DBDDFR 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TMP411DBDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DBDDFR 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TMP411DBDDFR Datasheet HTML 6Page - Texas Instruments TMP411DBDDFR Datasheet HTML 7Page - Texas Instruments TMP411DBDDFR Datasheet HTML 8Page - Texas Instruments TMP411DBDDFR Datasheet HTML 9Page - Texas Instruments TMP411DBDDFR Datasheet HTML 10Page - Texas Instruments TMP411DBDDFR Datasheet HTML 11Page - Texas Instruments TMP411DBDDFR Datasheet HTML 12Page - Texas Instruments TMP411DBDDFR Datasheet HTML 13Page - Texas Instruments TMP411DBDDFR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
At TA = -40°C to +125°C and V+ = 1.62V to 5.5V, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V+
Specific voltage range
1.62
5.5
V
IDD_ACTIVE
Active
conversion
current
Local sensor
100
150
µA
Remote sensor
220
320
IDD_SB
Standby current
Serial bus inactive
1
7.5
µA
IDD_AVG
Average current consumption
0.0625Hz conversion
V+ = 3.3V
1.5
8.2
µA
8Hz conversion
V+ = 3.3V
45
85
IDD_SD
Shutdown current
Serial bus inactive
0.6
7
µA
Serial bus active, fs = 400kHz
7
Serial bus active, fs = 3.4MHz
55
POR
Power-on-reset threshold
1.23
1.4
V
Brownout detect
1
1.14
(1)
Tested with less than 5Ω effective series resistance and 100pF differential input capacitance. TA is the ambient temperature of the
TMP411D. TDIODE is the temperature at the remote diode sensor.
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com