전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP411DBDDFR 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TMP411DBDDFR
상세설명  TMP411 ±1°C and TMP411D ±0.8°C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP411DBDDFR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TMP411DBDDFR Datasheet HTML 3Page - Texas Instruments TMP411DBDDFR Datasheet HTML 4Page - Texas Instruments TMP411DBDDFR Datasheet HTML 5Page - Texas Instruments TMP411DBDDFR Datasheet HTML 6Page - Texas Instruments TMP411DBDDFR Datasheet HTML 7Page - Texas Instruments TMP411DBDDFR Datasheet HTML 8Page - Texas Instruments TMP411DBDDFR Datasheet HTML 9Page - Texas Instruments TMP411DBDDFR Datasheet HTML 10Page - Texas Instruments TMP411DBDDFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
THERMAL METRIC(1)
TMP411/TMP411D
UNIT
D (SOIC)
Legacy chip
D (SOIC)
New chip
DGK
(VSSOP)
Legacy chip
DGK
(VSSOP)
New chip
DDF
(SOT-23)
8 PINS
8 PINS
8 PINS
8 PINS
8 PINS
ψJB
Junction-to-board characterization parameter
52.4
56.0
85.2
95.0
98.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics (TMP411)
At TA = -40°C to +125°C and V+ = 2.7V to 5.5V, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE ERROR
TERROR(L
OCAL)
Local temperature sensor
TA = 15°C to 85°C
V+ = 3.3V
–1
±0.25
1
°C
TA = -40°C to 125°C
–2.5
±1.25
2.5
TERROR(R
EMOTE)
Remote temperature sensor(1)
TA = 15°C to 75°C
TDIODE = -40°C to 150°C
V+ = 3.3V
–1
±0.0625
1
°C
TA = -40°C to 100°C
TDIODE = -40°C to 150°C
V+ = 3.3V
–3
±1
3
TA = -40°C to 125°C
TDIODE = -40°C to 150°C
V+ = 3.3V
–5
±3
5
TERROR_P
S
Temperature error power supply
sensitivity (local and remote)
V+ = 2.7V to 5.5V
TDIODE = -40°C to 150°C
–0.5
±0.2
0.5
°C/V
TEMPERATURE MEASUREMENT
tCONV
Conversion time
One-Shot mode
Legacy chip
105
115
125
ms
New chip
30
35
40
TRES
Resolution
Local temperature
sensor
(programmable)
9
12
Bits
Remote temperature
sensor
12
RSERIES
Remote
sensor
source
current
High
Series resistance: 3kΩ maximum
120
µA
Medium high
60
Medium low
Legacy chip
only
12
Low
6
η
Remote transistor ideality factor
Optimized ideality factor
1.008
SMBus INTERFACE
VIH
Logic input high voltage (SCL,
SDA)
2.1
V
VIL
Logic input low voltage (SCL, SDA)
0.8
V
VHYST
Hysteresis
170
mV
SMBus output low sink current
6
mA
ILI and ILO Logic input current
Legacy chip
-1
1
µA
New chip
-0.2
0.2
CIN
SMBus input capacitance (SCL,
SDA)
3
pF
SMBus clock frequency
3.4
MHz
www.ti.com
TMP411, TMP411D
SBOS383E – DECEMBER 2006 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP411 TMP411D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com