전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9301 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL9301
상세설명  High Input Voltage Charger With Power Path Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9301 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL9301 Datasheet HTML 1Page - Intersil Corporation ISL9301 Datasheet HTML 2Page - Intersil Corporation ISL9301 Datasheet HTML 3Page - Intersil Corporation ISL9301 Datasheet HTML 4Page - Intersil Corporation ISL9301 Datasheet HTML 5Page - Intersil Corporation ISL9301 Datasheet HTML 6Page - Intersil Corporation ISL9301 Datasheet HTML 7Page - Intersil Corporation ISL9301 Datasheet HTML 8Page - Intersil Corporation ISL9301 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN6435.0
February 25, 2008
Block Diagram
Pin Descriptions
VIN - Power input. The absolute maximum input voltage is
28V. A 10µF or larger value capacitor is recommended to be
placed very close to the input pin for decoupling purposes.
Additional capacitance may be required to provide a stable
input voltage.
VBAT - Charger output pin. Connect this pin to the battery. A
1µF or larger X5R ceramic capacitor is recommended for
decoupling and stability purposes. When the BATON pin is
pulled to logic LOW or left floating, the VBAT pin is
disconnected from the IC.
TIME - Timing resistor pin. The TIME pin determines the
oscillation period by connecting a timing resistor between
this pin and GND. The oscillator also provides a time
reference for the charger calculated in Equation 1.
Where RTIME is in MΩ. The nominal timeout interval is given
by Equation 2:
Where tOSC is in seconds. For an 1MΩ RTIME, the nominal
timeout interval is approximately 5.6 hours.
PPR - Open-drain power presence indication. The
open-drain MOSFET turns on when the input voltage is
above the POR threshold but below the OVP threshold and
off otherwise. This pin is capable to sink 10mA (minimum)
current to drive a LED. The maximum voltage rating for this
pin is 7V.
CHG - Open-drain charge indication pin. This pin outputs a
logic LOW when a charge cycle starts and turns to HIGH
when the end-of-charge (EOC) condition is qualified. This
pin is capable to sink 10mA min. current to drive an LED.
When the charger is disabled, the CHG outputs high
impedance.
IMIN - End-of-charge (EOC) current program pin. Connect a
resistor between this pin and the GND pin to set the EOC
current. The EOC current IMIN can be programmed by
Equation 3:
Where RIMIN is in kΩ. The programmable range covers 5%
(or 10mA, whichever is higher) to 50% of IREF when
programmed to less than 5% or 10mA.
Cell1
CHG
IBAT_REF
VBAT_REF
VOUT_REF
VBAT
IREF
VOUT
1V
Die Temp
142 oC
Die Temp
VBAT
VIN
1
1000
1
1000
PPR
IBAT
POR
Timer
EOC
Re-charge
OVP
DispIay
Logic
To system load
CLK
SHUTDOWN
TIME
0.2V
VIN
VBAT
115 oC
VBAT
IBAT
ILIM_REF
VCC
COMP
COMP
Q
S
R
VOUT
IMIN
GND
SHUTDOWN
PPM CTRL
IOUT
IOUT
To uP
RILIM
t
OSC
75
R
TIME
×μs
()
=
(EQ. 1)
t
TIMEOUT
2
28
t
OSC
×
3600
-----------------------------
Hour
()
=
(EQ. 2)
I
MIN
3151
R
IMIN
----------------
mA
()
=
(EQ. 3)
ISL9301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com