전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9301 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL9301
상세설명  High Input Voltage Charger With Power Path Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9301 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL9301 Datasheet HTML 4Page - Intersil Corporation ISL9301 Datasheet HTML 5Page - Intersil Corporation ISL9301 Datasheet HTML 6Page - Intersil Corporation ISL9301 Datasheet HTML 7Page - Intersil Corporation ISL9301 Datasheet HTML 8Page - Intersil Corporation ISL9301 Datasheet HTML 9Page - Intersil Corporation ISL9301 Datasheet HTML 10Page - Intersil Corporation ISL9301 Datasheet HTML 11Page - Intersil Corporation ISL9301 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN6435.0
February 25, 2008
Po w e r
Up
PO R
Y
N
In itia liz a tio n
Re s e t T im e r
Y
Y
Y
Y
IR E F + IO U T
> IL IM ?
IO U T > IL IM ?
N
V BAT =
4.2 V ?
Y
N
VIN > VP O R ?
Y
CHA RG E R F A U L T
VO U T = O N
C h a rger = O F F
CH G = B lin k in g
CHA RG E CO M P L E T E
VO U T = O N
C h arge r = O N
CHG = HI
N
CV CHA RG E
VO U T = O N
C h arge r = O N
C H G = LO
Tim e o u t?
N
VIN > VO U T +VO S ?
N
Y
N
VIN < V O VP ?
Y
N
VO U T <
VR EC H ?
N
BAT T DIS CHA RG E
VO U T = O N
IC H G = -(IO U T – IL IM )
C h arge r = R e v e rs e d
CHG = HI
Tim e r R e s e t
F A S T CH ARG E
VO UT = O N
IC H G = IR E F
C h arge r = O N
CHG = L O
PP M
VO U T = O N
IC H G = (IL IM – IO U T )
C h arge r = O N
C H G = LO
ICH G < IMIN ?
Tim e o u t?
DIS A B L E D
VO UT = O N
C harg e r = O F F
CHG = H I
N
OT P
V O U T = VBA T
C harg e r = O F F
CHG = H I
T die < 11 0
o C?
A n y tim e D ie
te m p erature e x c e ed s
14 2
o C
N
N
YY
Y
P o we r d o wn
To P o w e r U p
T R ICKL E C HARG E
PP R = L
CHG = L
VO U T = 4 .5 V
C harg e r = O N
VBA T> V MIN
FIGURE 6. STATE DIAGRAM
ISL9301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com