전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9301 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL9301
상세설명  High Input Voltage Charger With Power Path Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9301 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL9301 Datasheet HTML 1Page - Intersil Corporation ISL9301 Datasheet HTML 2Page - Intersil Corporation ISL9301 Datasheet HTML 3Page - Intersil Corporation ISL9301 Datasheet HTML 4Page - Intersil Corporation ISL9301 Datasheet HTML 5Page - Intersil Corporation ISL9301 Datasheet HTML 6Page - Intersil Corporation ISL9301 Datasheet HTML 7Page - Intersil Corporation ISL9301 Datasheet HTML 8Page - Intersil Corporation ISL9301 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
¬
FN6435.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL9301
High Input Voltage Charger With Power
Path Management
The ISL9301 is a fully integrated high input voltage
single-cell Li-ion battery charger with power path
management function. This charger performs the CC/CV
charge function required by Li-ion batteries. The charger
accepts an input voltage up to 28V but is disabled when the
input voltage exceeds 10.5V OVP threshold. The 28V rating
eliminates the overvoltage protection circuit required in a
low-voltage charger. The charge current and the
end-of-charge (EOC) current are programmable with
external resistors. When the battery voltage is lower than
2.8V, the charger preconditions the battery with 16% of the
programmed charge current. When the charge current
reduces to the programmable EOC current level during the
CV charge phase, the EOC indicator (CHG) will toggle to
logic LOW to indicate the end-of-charge condition. The
charger will continue to charge until the user programmed
timeout interval has elapsed, then the charger is terminated.
The ISL9301 uses separate power paths to supply the
system load and charge the battery. This feature allows the
system to immediately operate with a completely discharged
battery. This feature also allows the charge to terminate
when the battery is full while continuing to supply the system
with the input source, thus minimizing unnecessary
charge/discharge cycles and improving the battery life.
Two indication pins (PPR and CHG) allow simple interface to
a microprocessor or LEDs.
Features
• Complete Charger for Single-Cell Li-ion/Polymer Batteries
• Power Path Management Optimize Charge and System
Currents
Intelligent Timeout Interval Based on Actual Charge
Current
• Integrated Disconnect Switch to Disconnect the Battery
• 1% Charger Output Voltage Accuracy
• Programmable Charge Current
• Programmable End-of-Charge Current
• Charge Current Thermal Foldback for Thermal Protection
• Trickle Charge for Fully Discharged Batteries
• 28V Maximum Voltage at VIN pin
• Power Presence and Charge Indications
• Ambient Temperature Range: -40°C to +85°C
• 10 Ld 3x3 DFN Package
• Pb-Free (RoHS Compliant)
Applications
• Mobile Phones
• Blue-Tooth Devices
•PDAs
• MP3 Players
• Stand-Alone Chargers
• Other Handheld Devices
Pinout
ISL9301
(10 LD DFN)
TOP VIEW
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL9301IRZ
9301
-40 to +85 10 Ld 3X3 DFN L10.3X3C
ISL9301IRZ-T 9301
-40 to +85 10 Ld 3X3 DFN L10.3X3C
* Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets; molding compounds/die attach
materials and 100% matte tin plate PLUS ANNEAL - e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
2
3
4
1
5
9
8
7
10
6
VOUT
BATON
IREF
IMIN
GND
VIN
VBAT
PPR
CHG
TIME
Data Sheet
February 25, 2008


유사한 부품 번호 - ISL9301

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL9301 RENESAS-ISL9301 Datasheet
571Kb / 12P
High Input Voltage Charger With Power Path Management
logo
Intersil Corporation
ISL9301 INTERSIL-ISL9301 Datasheet
386Kb / 12P
High Input Voltage Charger With Power Path Management
September 21, 2011
ISL9301IRZ INTERSIL-ISL9301IRZ Datasheet
386Kb / 12P
High Input Voltage Charger With Power Path Management
September 21, 2011
logo
Renesas Technology Corp
ISL9301IRZ RENESAS-ISL9301IRZ Datasheet
571Kb / 12P
High Input Voltage Charger With Power Path Management
logo
Intersil Corporation
ISL9301IRZ-T INTERSIL-ISL9301IRZ-T Datasheet
386Kb / 12P
High Input Voltage Charger With Power Path Management
September 21, 2011
More results

유사한 설명 - ISL9301

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL9230 INTERSIL-ISL9230 Datasheet
899Kb / 20P
High Power Li-Ion Charger W/I-Path Management
logo
Texas Instruments
TWL6032 TI1-TWL6032 Datasheet
533Kb / 11P
Fully Integrated Power Management with Power Path and Battery Charger
logo
Monolithic Power System...
MP2607 MPS-MP2607 Datasheet
337Kb / 15P
Li, LINEAR Charger WithSystem Power Path Management
logo
Intersil Corporation
ISL9301IRZ INTERSIL-ISL9301IRZ Datasheet
386Kb / 12P
High Input Voltage Charger With Power Path Management
September 21, 2011
logo
ACE Technology Co., LTD...
ACE4102E ACE-ACE4102E Datasheet
632Kb / 9P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
VER 1.1
logo
Texas Instruments
TPS80032 TI1-TPS80032 Datasheet
2Mb / 127P
Fully Integrated Power Management With Power Path and Battery Charger
logo
Renesas Technology Corp
ISL9230 RENESAS-ISL9230 Datasheet
1Mb / 20P
High Power Li-Ion Charger W/I-Path Management
ISL9301 RENESAS-ISL9301 Datasheet
571Kb / 12P
High Input Voltage Charger With Power Path Management
logo
ETA SOLUTIONS CO. LIMIT...
ETA6003 ETA-ETA6003 Datasheet
187Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
ETA1918S ETA-ETA1918S Datasheet
185Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com