전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9301 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL9301
상세설명  High Input Voltage Charger With Power Path Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9301 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL9301 Datasheet HTML 4Page - Intersil Corporation ISL9301 Datasheet HTML 5Page - Intersil Corporation ISL9301 Datasheet HTML 6Page - Intersil Corporation ISL9301 Datasheet HTML 7Page - Intersil Corporation ISL9301 Datasheet HTML 8Page - Intersil Corporation ISL9301 Datasheet HTML 9Page - Intersil Corporation ISL9301 Datasheet HTML 10Page - Intersil Corporation ISL9301 Datasheet HTML 11Page - Intersil Corporation ISL9301 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN6435.0
February 25, 2008
when IREF is set to 145mA is shown in Figure 2. Figure 3
shows a typical time domain charge current curve vs time
and its accuracy limits for a complete cycle. The accuracy is
compared against the voltage on the IREF pin. Thermal
foldback may affect the charge current curve as well as the
accuracy.
.
Dynamic Power Path Management
The power path management function of the ISL9301
controls the charge current and the system current when
charging with system load. This is based on the available
input current, which is either limited by the IC (800mA) or by
the input power source, whichever is smaller. When the
output voltage drops to the DPPM threshold (4.35V typical),
the dynamic power path management starts to function. The
DPPM control will first allocate the available current to the
system load, using the remaining current to charge the
battery. This is achieved by dynamically reducing the charge
current until VOUT is regulated. In the event that the system
needs more than the available current, VOUT will continue
to drop. When VOUT drops to below the battery voltage, the
DPPM control will turn on the charge control FET, allowing
the battery to supply current to the system load. Thus the
battery may be charged at a current smaller than the
programmed constant current.
Intelligent Timer
The internal timer in the ISL9301 provides a time reference
for the maximum charge time limit. The nominal clock cycle
for the reference time is set by the external resistor
connected between the TIME pin and GND and is given by
Equation 1.
The nominal maximum charge time interval is calculated
based on the assumption that the programmed charge
current is always available during the entire charging cycle.
However, due to the PPM control or due to the current limit
of the input source, or thermal foldback, the actual charge
current maybe reduced during the constant current charge
period. Under such conditions, the Intelligent Timer control
will increase the timeout interval accordingly to allow
approximately the same mAh product as the original timeout
interval at the programmed current.
Thermal Foldback
The thermal foldback function starts to reduce the charge
current when the internal temperature reaches a typical
value of +115°C. When thermal foldback is encountered, the
charge current will be reduced to a value where the die
temperature stops rising.
Figure 5 shows the thermal foldback operation whereas the
current signals at the summing node of the current error
amplifier CA are shown in Figure 4. IR is the reference. IT is
the temperature tracking current generated from the
Temperature Monitoring block. The IT has no impact on the
charge current until the internal temperature reaches
approximately +115°C; then IT starts to rise. In the mean
time, as IT rises, ISEN will fall at the same rate (as the sum is
a constant current IR). As a result, the charging current,
which is proportional to ISEN, also decreases, keeping the
die temperature constant at +115°C.
The system output current, however, is not impacted by the
thermal foldback. Thus, when the charge current is reduced
to zero, if the die temperature still rises, the IC will shut down
to prevent damage to the IC.
1.2
0
150
IR EF PIN VO L T A G E ( V )
FIGURE 2. IREF PIN VOLTAGE vs CHARGE CURRERNT
(IREF IS SET TO 150mA. THE DOTTED LINES
SHOW THE UPPER AND LOWER LIMITS OF THE
TOLERANCE)
IREF
1.1IREF
0.9IREF
0.16IREF
0.22IREF
0.12IREF
ICHG
TIME
TRICKLE
CC
CV
1.3IMIN
1.0IMIN
0.7IMIN
FIGURE 3. CHARGE CURRENT ACCURACY WHEN
IREF = 145mA
ISL9301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com