전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32WB09XE 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 STM32WB09XE
상세설명  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 21Page - STMicroelectronics STM32WB09XE Datasheet HTML 22Page - STMicroelectronics STM32WB09XE Datasheet HTML 23Page - STMicroelectronics STM32WB09XE Datasheet HTML 24Page - STMicroelectronics STM32WB09XE Datasheet HTML 25Page - STMicroelectronics STM32WB09XE Datasheet HTML 26Page - STMicroelectronics STM32WB09XE Datasheet HTML 27Page - STMicroelectronics STM32WB09XE Datasheet HTML 28Page - STMicroelectronics STM32WB09XE Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
4
Pinout, pin description and alternate functions
4.1
Pinout/ballout schematics
The STM3WB09xE comes in two package versions: WLCSP36 offering 20 GPIOs, and VFQFPN32 offering 20
GPIOs.
Figure 7. VFQFPN32 pinout
32
31
30
29
28
27
26
25
1
24
2
23
3
22
4
21
5
20
6
19
7
18
8
17
9
10
11
12
13
14
15
16
GND
pad
PB4
VDD1
PB5 RSTN VCAP VFBSD VSS
VDDSD
PB6
PB7
PB12/RCC_OSC32_OUT
PB13/RCC_OSC32_IN
PB14
PB15
OSCIN
PB3
PB1
PB0
PA3
PA2
PB2
PA1
PA0
PA8
PA9
PA10
PA11 VDD2
RF1 VDDRF OSCOUT
VLXSD
1. The above figure shows the package top view.
STM32WB09xE
Pinout, pin description and
alternate functions
DS14210 - Rev 6
page 25/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73