전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO5907X 데이터시트(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO5907X
상세설명  Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5907X 데이터시트(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO5907X Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Rev 1.6
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO5907x• Rev. 1.6
- 1 -
DIO5907x
Standalone 1-Cell 1.1 A Linear Battery Charger
with Power Path
Features
Fully compliant USB charger
Selectable 100 mA and 500 mA maximum
input current
100 mA maximum current limit ensures
compliance to USB-IF standard
Input-based dynamic power management
(VIN- DPM) for protection against poor USB
sources
10% charge current accuracy
1% charge voltage accuracy
28 V input rating with overvoltage protection
Integrated dynamic power path management
(DPPM) function simultaneously and
independently powers the system and
charges the battery
Supports up to 1.1 A charge current with
current monitoring output (ISET)
Programmable input current limit up to 1.1 A
for wall adapters
Programmable termination current
(DIO59078)
Programmable pre-charge and fast-charge
safety timers
Reverse current, short-circuit and thermal
protection
NTC thermistor input
Proprietary start-up sequence limits inrush
current
Status indication–charging/done, power good
Descriptions
The DIO5907x series of devices are integrated
Li-Ion linear chargers and system power path
management devices targeted at space-limited
portable applications. The devices operate from
either a USB port or an AC adapter and support
charge currents up to 1.1 A. The input voltage
range with input overvoltage protection supports
unregulated adapters. The USB input current limit
accuracy and start up sequence allow the
DIO5907x to meet USB-IF inrush current
specifications. Additionally, the input dynamic
power management (VIN-DPM) prevents the charger
from crashing incorrectly configured USB
sources.
The DIO5907x features dynamic power path
management (DPPM) that powers the system
while simultaneously and independently charging
the battery. The DPPM circuit reduces the charge
current when the input current limit causes the
system output to fall to the DPPM threshold; thus,
supplying the system load at all times while
monitoring the charge current separately.
Applications
Smart phones
Portable media players
Portable navigation devices
Low-power handheld device


유사한 부품 번호 - DIO5907X

제조업체부품명데이터시트상세설명
logo
DIOO MICROCIRCUITS CO.,...
DIO59618A DIOO-DIO59618A Datasheet
1Mb / 33P
30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
Version 1.0, Oct 2025
DIO59618ACN20 DIOO-DIO59618ACN20 Datasheet
1Mb / 33P
30 V, 1.5 A High Efficiency Single-cell Li-Ion Battery Charger with Integrated Power Path
Version 1.0, Oct 2025
More results

유사한 설명 - DIO5907X

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UB2017 UTC-UB2017 Datasheet
278Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803 Datasheet
244Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_15 Datasheet
267Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2017 UTC-UB2017_15 Datasheet
278Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803_15 Datasheet
243Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_18 Datasheet
307Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
logo
Texas Instruments
BQ25616 TI1-BQ25616 Datasheet
2Mb / 48P
BQ25616/616J Standalone 1-Cell 3.0-A Buck Battery Charger with Power Path and 1.2-A
BQ25185 TI-BQ25185 Datasheet
1Mb / 32P
BQ25185 1-Cell, 1-A Standalone Linear Battery Charger with Power Path, Factory Mode, and Battery Tracking VINDPM
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com