전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO5907X 데이터시트(PDF) 8 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO5907X
상세설명  Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5907X 데이터시트(HTML) 8 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO5907X Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
DIO5907x
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO5907x• Rev.1.6
- 8 -
VIN-DPM
Input voltage threshold
when input current is
reduced
EN2 = LO, EN1 = X
4.5
V
VDPPM
Output voltage threshold
when charging current is
reduced
DIO59073/73B/78
VO(REG) -
100 mV
V
DIO59075
4.3
DIO59076
4.45
VO(SC1) (1)
Output short-circuit
detection threshold,
power-on
VIN > VUVLO and VIN > VBAT + VIN(DT)
0.8
0.9
1
V
VO(SC2)
Output short-circuit
detection threshold,
supplement mode
VBAT – VOUT > VO(SC2)
indicates short-circuit
VIN > VUVLO and VIN > VBAT + VIN(DT)
1.2
V
tDGL(SC2)
Deglitch time, supplement
mode short circuit
250
μs
tREC(SC2)
Recovery time,
supplement mode short
circuit
60
ms
Battery charger
IBAT(SC)
Source current for BAT
pin short-circuit detection
VBAT = 1.5 V
7.5
mA
VBAT(SC) (1)
BAT pin short-circuit
detection threshold
VBAT rising
1.6
1.8
2
V
VBAT(REG)
Battery charge voltage
DIO59073/73B/75/78
4.16
4.20
4.23
V
DIO59076
4.31
4.35
4.39
VLOWV
Pre-charge to fast-charge
transition threshold
VIN > VUVLO and
VIN > VBAT + VIN(DT)
DIO59073/75/
76/78
3.1
V
DIO59073B
2.5
tDGL1(LOWV)
Deglitch time on
pre-charge to fast-charge
transition
125
μs
tDGL2(LOWV)
Deglitch time on
fast-charge to pre-charge
transition
25
ms
ICHG
Battery fast charge
current
/CE = LO, EN1= LO, EN2 = HI,
VBAT > VLOWV, VIN = 5 V,IINmax > ICHG,
no load on OUT pin, thermal loop and
DPPM loop not active
KISET / RISET
A
KISET
Fast charge current factor
RISET = 1.8 kΩ
800
900
1000
AΩ
IPRECHG
Pre-charge current
KPRECHG / RISET
A
KPRECHG
Pre-charge current factor
90
110
AΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com