전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO5907X 데이터시트(PDF) 12 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO5907X
상세설명  Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5907X 데이터시트(HTML) 12 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO5907X Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
DIO5907x
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO5907x• Rev.1.6
- 12 -
Figure 3. When BAT supply mode 2 A < IBAT ≤ 3 A
Table 2. Diode Selection
IBAT
Forward Current Reverse Voltage Forward Pressure Drop Comment
IBAT ≤ 1 A
NA
NA
NA
NA
1 A < IBAT ≤ 2 A
1 A
> 6 V
< 0.4 V
D1
2 A < IBAT ≤ 3 A
> 2 A
> 6 V
< 0.4 V
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com