전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO5907X 데이터시트(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO5907X
상세설명  Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5907X 데이터시트(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO5907X Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DIO5907x
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO5907x• Rev.1.6
- 6 -
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Symbol
Parameter
Min
Max
Unit
VI
Input voltage
IN (with respect to VSS)
-0.3
28
V
BAT (with respect to VSS)
-0.3
5
V
OUT, EN1, EN2, /CE, TS, ISET, /PGOOD,
/CHG, ILIM, TMR, ITERM, SYSOFF, TD (with
respect to VSS)
-0.3
7
V
IIN
Input current
IN
1.2
A
IO
Output current
(Continuous)
OUT
3
A
BAT (Discharge mode)
3
A
BAT (Charging mode)
1.1(1)
A
Output sink current
/CHG, /PGOOD
15
mA
TJ
Junction temperature
-40
150
°C
TSTG
Storage temperature
-65
150
°C
Note:
(1) Use a 1% tolerance resistor for RISET to avoid issues with the RISET short test when using the maximum charge current setting.
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended Operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not Recommend exceeding
them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min
Max
Unit
VI
IN voltage range
4.35
28
V
IN operating voltage range
4.35
6.4
V
IIN
Input current, IN pin
1.1
A
IOUT
Current, OUT pin
3
A
IBAT
Current, BAT pin (Discharging)
3
A
ICHG
Current, BAT pin (Charging)
1.1
A
TJ
Junction Temperature
-40
125
°C
RILIM
Maximum input current programming resistor
0.5
10
kΩ
RISET(1)
Fast-charge current programming resistor
0.5
10
kΩ
RITERM
Termination current programming resistor
0.1
15
kΩ
RTMR
Timer programming resistor
18
72
kΩ
RθJA
Junction-to-ambient thermal resistance
44.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
54.2
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.8
Note:
(1) Use a 1% tolerance resistor for RISET to avoid issues with the RISET short test when using the maximum charge current setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com