전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO5907X 데이터시트(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO5907X
상세설명  Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5907X 데이터시트(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO5907X Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Rev 1.6
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO5907x• Rev. 1.6
- 2 -
Ordering Information
Ordering Part No.
Top Marking
MSL
RoHS
TA
Package
DIO59073CL16
DJVG3
3
Green
-40 to 85°C
QFN3*3-16
Tape & Reel, 5000
DIO59073BCL16
DVG3B
3
Green
-40 to 85°C
QFN3*3-16
Tape & Reel, 5000
DIO59075CL16
DJVG5
3
Green
-40 to 85°C
QFN3*3-16
Tape & Reel, 5000
DIO59076CL16
DJVG6
3
Green
-40 to 85°C
QFN3*3-16
Tape & Reel, 5000
DIO59078CL16
DJVG8
3
Green
-40 to 85°C
QFN3*3-16
Tape & Reel, 5000
Device Comparison Table
Ordering Part No.
VOVP
VBAT(REG) VOUT(REG)
VDPPM
TS Method
Optional Function
DIO59073CL16
6.6 V
4.2 V
4.4 V
VO(REG) – 100 mV
Current based
TD
DIO59073BCL16
6.6 V
4.2 V
4.4 V
VO(REG) – 100 mV
TD
DIO59075CL16
6.6 V
4.2 V
5.5 V
4.3 V
SYSOFF
DIO59076CL16
6.6 V
4.35 V
5.5 V
4.45 V
SYSOFF
DIO59078CL16
6.6 V
4.2 V
4.4 V
VO(REG) – 100 mV
ITERM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com