전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO5907X 데이터시트(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO5907X
상세설명  Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5907X 데이터시트(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO5907X Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DIO5907x
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO5907x• Rev.1.6
- 5 -
TMR
I
Timer Programming Input. TMR controls the pre-charge and fast-charge safety timers.
Connect TMR to VSS to disable all safety timers. Connect a 18 kΩ to 72 kΩ resistor
between TMR and VSS to program the timers a desired length. Leave TMR
unconnected to set the timers to the default values.
TD
I
Termination Disable Input. Connect TD high to disable charger termination. Connect TD
to VSS to enable charger termination. TD is internally pulled down to VSS with
approximately 270 kΩ. Do not leave TD unconnected to ensure proper operation.
(DIO59073/73B).
ITERM
I
Termination Current Programming Input. Connect a resistor from ITERM to VSS to
program the termination current. (DIO59078 only).
SYSOFF
I
System Enable Input. Connect SYSOFF high to turn off the FET connecting the battery
to the system output. When an adapter is connected, charging is also disabled. Connect
SYSOFF low for normal operation. SYSOFF is internally pulled up to VBAT through a
large resistor (approximately 7 MΩ). Do not leave SYSOFF unconnected to ensure
proper operation. (DIO59075/76).
ISET
I/O
Fast Charge Current Programming Input. Connect a 590 Ω to 8.9 kΩ resistor from ISET
to VSS to program the fast charge current level. Charging is disabled if ISET is left
unconnected. While charging, the voltage at ISET reflects the actual charging current
and can be used to monitor charge current.
EP
-
Not internally connect to GND. Recommend to connect to a large ground plane for
improved thermal performance.
Table 1. EN1 / EN2 Settings
EN2
EN1
Maximum Input Current Into IN Pin
0
0
100 mA. USB100 mode
0
1
500 mA. USB500 mode
1
0
Set by an external resistor from ILIM to VSS
1
1
Standby (USB suspend mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com