전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO5907X 데이터시트(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO5907X
상세설명  Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5907X 데이터시트(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO5907X Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
DIO5907x
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO5907x• Rev.1.6
- 4 -
Pin Descriptions
Name
I/O
Description
TS
I
External NTC Thermistor Input. Connect the TS input to the NTC thermistor in the
battery pack. TS monitors a 10 kΩ NTC thermistor. For applications that do not use the
TS function, connect a 10 kΩ fixed resistor from TS to VSS to maintain a valid voltage
level on TS.
BAT
I/O
Charger Power Stage Output and Battery Voltage Sense Input. Connect BAT to the
positive terminal of the battery. Bypass BAT to VSS with a 4.7 μF to 47 μF ceramic
capacitor.
/CE
I
Charge Enable Active-Low Input. Connect /CE to a high logic level to disable battery
charging. OUT is active and battery supplement mode is still available. Connect /CE to a
low logic level to enable the battery charger. /CE is internally pulled down with
approximately 270 kΩ. Do not leave /CE unconnected to ensure proper operation.
EN1
I
Input Current Limit Configuration Inputs. Use EN1 and EN2 control the maximum input
current and enable USB compliance. See Table 1 for the description of the operation
states. EN1 and EN2 are internally pulled down with approximately 270 kΩ. Do not leave
EN1 or EN2 unconnected to ensure proper operation.
EN2
I
/PGOOD
O
Open-drain Power Good Status Indication Output. /PGOOD pulls to VSS when a valid
input source is detected. /PGOOD is high-impedance when the input power is not within
specified limits. Connect /PGOOD to the desired logic voltage rail using a 1 kΩ to 100 kΩ
resistor, or use with an LED for visual indication.
VSS
–
Ground. Connect to the thermal pad and to the ground rail of the circuit.
/CHG
O
Open-Drain Charging Status Indication Output. /CHG pulls to VSS when the battery is
charging. /CHG is high impedance when charging is complete and when charger is
disabled. Connect /CHG to the desired logic voltage rail using a 1 kΩ to 100 kΩ resistor,
or use with an LED for visual indication.
OUT
O
System Supply Output. OUT provides a regulated output when the input is below the
OVP threshold and above the regulation voltage. When the input is out of the operation
range, OUT is connected to VBAT except when SYSOFF is high (DIO59075/76).
Connect OUT to the system load. Bypass OUT to VSS with a 4.7 μF to 47 μF ceramic
capacitor.
ILIM
I
Adjustable Current Limit Programming Input. Connect a 510 Ω to 8 kΩ resistor from ILIM
to VSS to program the maximum input current (EN2 = 1, EN1 = 0). The input current
includes the system load and the battery charge current. Leaving ILIM unconnected
disables all charging.
IN
I
Input Power Connection. Connect IN to the external DC supply (AC adapter or USB
port). The input operating range is 4.35 V to 6.4 V (DIO59073/73B/75/76/78). The input
can accept voltages up to 28 V without damage but operation is suspended. Connect
bypass capacitor 4.7 μF to 10 μF to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com