전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIO5907X 데이터시트(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

부품명 DIO5907X
상세설명  Standalone 1-Cell 1.1 A Linear Battery Charger with Power Path
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIOO [DIOO MICROCIRCUITS CO., LTD]
홈페이지  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO5907X 데이터시트(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO5907X Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO5907X Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DIO5907x
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
DIO5907x• Rev.1.6
- 13 -
Detailed Description
Overview
The DIO5907x devices are integrated Li-Ion linear chargers and system power path management devices
targeted at space-limited portable applications. The device powers the system while simultaneously and
independently charging the battery. This feature reduces the number of charge and discharge cycles on the
battery, allows for proper charge termination and enables the system to run with a defective or absent battery
pack. This feature also allows instant system turn-on even with a totally discharged battery. The input power
source for charging the battery and running the system can be an AC adapter or a USB port. The devices
feature Dynamic Power Path Management (DPPM), which shares the source current between the system and
battery charging, and automatically reduces the charging current if the system load increases. When charging
from a USB port, the input dynamic power management (VIN-DPM) circuit reduces the input current if the input
voltage falls below a threshold, thus preventing the USB port from crashing. The power-path architecture also
permits the battery to supplement the system current requirements when the adapter cannot deliver the peak
system currents.
Under voltage lockout (UVLO)
The DIO5907x family remains in power down mode when the input voltage at the IN pin is below the under
voltage threshold (UVLO).
During the power down mode the host commands at the control inputs (/CE, EN1 and EN2) are ignored. The
Q1 FET connected between IN and OUT pins is off, and the status outputs /CHG and /PGOOD are high
impedance. The Q2 FET that connects BAT to OUT is ON. (If SYSOFF is high, Q2 is off). During power down
mode, the VOUT(SC2) circuitry is active and monitors for overload conditions on OUT.
Power on
When VIN exceeds the UVLO threshold, the DIO5907x powers up. While VIN is below VBAT + VIN(DT), the host
commands at the control inputs (/CE, EN1 and EN2) are ignored. The Q1 FET connected between IN and OUT
pins is off, and the status outputs /CHG and /PGOOD are high impedance. The Q2 FET that connects BAT to
OUT is ON. (If SYSOFF is high, Q2 is off). During this mode, the VOUT(SC2) circuitry is active and monitors for
overload conditions on OUT.
Once VIN rises above VBAT + VIN(DT), /PGOOD is driven low to indicate the valid power status and the /CE, EN1,
and EN2 inputs are read. The device enters standby mode if EN1 = EN2 = HI or if an input overvoltage
condition occurs. In standby mode, Q1 is OFF and Q2 is ON so OUT is connected to the battery input. (If
SYSOFF is high, FET Q2 is off). During this mode, the VOUT(SC2) circuitry is active and monitors for overload
conditions on OUT.
When the input voltage at IN is within the valid range: VIN > UVLO and VIN > VBAT + VIN(DT) and VIN < VOVP, and
the EN1 and EN2 pins indicate that the USB suspend mode is not enabled [(EN1, EN2) ≠ (HI, HI)] all internal
timers and other circuit blocks are activated. If no short conditions exists, the device switches on the input FET
Q1 with a 100 mA current limit to checks for a short circuit at OUT. When VOUT is above VO(SC1), the FET Q1
switches to the current limit threshold set by EN1, EN2 and RILIM and the device enters into the normal
operation. During normal operation, the system is powered by the input source (Q1 is regulating), and the
device continuously monitors the status of /CE, EN1 and EN2 as well as the input voltage conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com