전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F640P30T85 데이터시트(PDF) 52 Page - Numonyx B.V

부품명 JS28F640P30T85
상세설명  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 데이터시트(HTML) 52 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 48Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 49Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 50Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 51Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 52Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 53Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 54Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 55Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 56Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 99 page
background image
P30
Datasheet
November 2007
52
Order Number: 306666-11
10.3.3
WAIT Polarity
The WAIT Polarity bit (WP), RCR[10] determines the asserted level (VOH or VOL) of
WAIT. When WP is set, WAIT is asserted high (default). When WP is cleared, WAIT is
asserted low. WAIT changes state on valid clock edges during active bus cycles (CE#
asserted, OE# asserted, RST# deasserted).
10.3.3.1
WAIT Signal Function
The WAIT signal indicates data valid when the device is operating in synchronous mode
(RCR[15]=0). The WAIT signal is only “deasserted” when data is valid on the bus.
When the device is operating in synchronous non-array read mode, such as read
status, read ID, or read query. The WAIT signal is also “deasserted” when data is valid
on the bus.
WAIT behavior during synchronous non-array reads at the end of word line works
correctly only on the first data access.
When the device is operating in asynchronous page mode, asynchronous single word
read mode, and all write operations, WAIT is set to a deasserted state as determined
by RCR[10]. See Figure 15, “Asynchronous Single-Word Read (ADV# Latch)” on
page 33, and Figure 16, “Asynchronous Page-Mode Read Timing” on page 34.
Figure 27: Example Latency Count Setting using Code 3
CLK
CE#
ADV#
A[MAX:0]
D[15:0]
t
Data
Code 3
Address
Data
01
2
34
R103
High-Z
Table 27: WAIT Functionality Table (Sheet 1 of 2)
Condition
WAIT
Notes
CE# = ‘1’, OE# = ‘X’ or CE# = ‘0’, OE# = ‘1’
High-Z
1
CE# =’0’, OE# = ‘0’
Active
1
Synchronous Array Reads
Active
1
Synchronous Non-Array Reads
Active
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com