전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F640P30T85 데이터시트(PDF) 70 Page - Numonyx B.V

부품명 JS28F640P30T85
상세설명  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 데이터시트(HTML) 70 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 66Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 67Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 68Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 69Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 70Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 71Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 72Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 73Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 74Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 99 page
background image
P30
Datasheet
November 2007
70
Order Number: 306666-11
Note:
Always clear the Status Register prior to resuming erase operations. It avoids Status Register
ambiguity when issuing commands during Erase Suspend. If a command sequence error
occurs during an erase-suspend state, the Status Register contains the command sequence
error status (SR[7,5,4] set). When the erase operation resumes and finishes, possible errors
during the erase operation cannot be detected via the Status Register because it contains the
previous error status.
14.1.1
Clear Status Register
The Clear Status Register command clears the status register. It functions independent
of VPP. The Write State Machine (WSM) sets and clears SR[7,6,2], but it sets bits
SR[5:3,1] without clearing them. The Status Register should be cleared before starting
a command sequence to avoid any ambiguity. A device reset also clears the Status
Register.
14.2
Read Device Identifier
The Read Device Identifier command instructs the device to output manufacturer code,
device identifier code, block-lock status, protection register data, or configuration
register data (see Section 9.2, “Device Commands” on page 45 for details on issuing
the Read Device Identifier command). Table 33, “Device Identifier Information” on
page 70 and Table 34, “Device ID codes” on page 71 show the address offsets and data
values for this device.
3VPP Status (VPPS)
0 = VPP within acceptable limits during program or erase operation.
1 = VPP < VPPLK during program or erase operation.
2
Program Suspend Status (PSS)
0 = Program suspend not in effect.
1 = Program suspend in effect.
1
Block-Locked Status (BLS)
0 = Block not locked during program or erase.
1 = Block locked during program or erase; operation aborted.
0BEFP Status (BWS)
After Buffered Enhanced Factory Programming (BEFP) data is loaded into the
buffer:
0 = BEFP complete.
1 = BEFP in-progress.
Table 32: Status Register Description (Sheet 2 of 2)
Status Register (SR)
Default Value = 0x80
Table 33: Device Identifier Information (Sheet 1 of 2)
Item
Address(1)
Data
Manufacturer Code
0x00
0089h
Device ID Code
0x01
ID (see
Table 34)
Block Lock Configuration:
BBA + 0x02
Lock Bit:
• Block Is Unlocked
DQ0 = 0b0
• Block Is Locked
DQ0 = 0b1
• Block Is not Locked-Down
DQ1 = 0b0
• Block Is Locked-Down
DQ1 = 0b1
Read Configuration Register
0x05
RCR Contents
Lock Register 0
0x80
PR-LK0
64-bit Factory-Programmed Protection Register
0x81–0x84
Factory Protection Register Data
64-bit User-Programmable Protection Register
0x85–0x88
User Protection Register Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com