전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F640P30T85 데이터시트(PDF) 55 Page - Numonyx B.V

부품명 JS28F640P30T85
상세설명  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 데이터시트(HTML) 55 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 51Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 52Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 53Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 54Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 55Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 56Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 57Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 58Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 59Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
55
P30
10.3.8
Burst Wrap
The Burst Wrap (BW) bit determines whether 4-word, 8-word, or 16-word burst length
accesses wrap within the selected word-length boundaries or cross word-length
boundaries. When BW is set, burst wrapping does not occur (default). When BW is
cleared, burst wrapping occurs.
When performing synchronous burst reads with BW set (no wrap), an output delay may
occur when the burst sequence crosses its first device-row (16-word) boundary. If the
burst sequence’s start address is 4-word aligned, then no delay occurs. If the start
address is at the end of a 4-word boundary, the worst case output delay is one clock
cycle less than the first access Latency Count. This delay can take place only once, and
doesn’t occur if the burst sequence does not cross a device-row boundary. WAIT
informs the system of this delay when it occurs.
10.3.9
Burst Length
The Burst Length bit (BL[2:0]) selects the linear burst length for all synchronous burst
reads of the flash memory array. The burst lengths are 4-word, 8-word, 16-word, and
continuous word.
Continuous-burst accesses are linear only, and do not wrap within any word length
boundaries (see Table 28, “Burst Sequence Word Ordering” on page 54). When a burst
cycle begins, the device outputs synchronous burst data until it reaches the end of the
“burstable” address space.
10.3.10
End of Word Line (EOWL) Considerations
When performing synchronous burst reads with BW set (no wrap) and DH reset (1 clock
cycle), an output “delay” requiring additions clock Wait States may occur when the
burst sequence crosses its first device-row (16-word) boundary. The delay would take
place only once, and will not occur if the burst sequence does not cross a device-row
boundary. The WAIT signal informs the system of this delay when it occurs. If the burst
sequence’s start address is 4-word aligned (i.e. 0x00h, 0x04h, 0x08h, 0x0Ch) then no
delay occurs. If the start address is at the end of a 4-word boundary (i.e. 0x03h,
0x07h, 0x0Bh, 0x0Fh), the worst case delay (number of Wait States required) will be
one clock cycle less than the first access Latency Count (LC-1) when crossing the first
device-row boundary (i.e. 0x0Fh to 0x10h). Other address misalignments may require
wait states depending upon the LC setting and the starting address alignment. For
example, an LC setting of 3 with a starting address of 0xFD requires 0 wait states, but
the same LC setting of 3 with a starting address of 0xFE would require 1 wait state
when crossing the first device row boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com