전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F640P30T85 데이터시트(PDF) 62 Page - Numonyx B.V

부품명 JS28F640P30T85
상세설명  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 데이터시트(HTML) 62 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 58Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 59Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 60Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 61Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 62Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 63Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 64Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 65Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 66Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 99 page
background image
P30
Datasheet
November 2007
62
Order Number: 306666-11
12.0
Erase Operations
Flash erasing is performed on a block basis. An entire block is erased each time an
erase command sequence is issued, and only one block is erased at a time. When a
block is erased, all bits within that block read as logical ones. The following sections
describe block erase operations in detail.
12.1
Block Erase
Block erase operations are initiated by writing the Block Erase Setup command to the address of the block to
be erased (see Section 9.2, “Device Commands” on page 45). Next, the Block Erase Confirm
command is written to the address of the block to be erased. If the device is placed in standby (CE#
deasserted) during an erase operation, the device completes the erase operation before
entering standby.VPP must be above VPPLK and the block must be unlocked (see Figure 42, “Block
Erase Flowchart” on page 83).
During a block erase, the Write State Machine (WSM) executes a sequence of
internally-timed events that conditions, erases, and verifies all bits within the block.
Erasing the flash memory array changes “zeros” to “ones”. Memory array bits that are
ones can be changed to zeros only by programming the block (see Section 11.0,
“Programming Operations” on page 56).
The Status Register can be examined for block erase progress and errors by reading
any address. The device remains in the Read Status Register state until another
command is written. SR[0] indicates whether the addressed block is erasing. Status
Register bit SR[7] is set upon erase completion.
Status Register bit SR[7] indicates block erase status while the sequence executes.
When the erase operation has finished, Status Register bit SR[5] indicates an erase
failure if set. SR[3] set would indicate that the WSM could not perform the erase
operation because VPP was outside of its acceptable limits. SR[1] set indicates that the
erase operation attempted to erase a locked block, causing the operation to abort.
Before issuing a new command, the Status Register contents should be examined and
then cleared using the Clear Status Register command. Any valid command can follow
once the block erase operation has completed.
12.2
Erase Suspend
Issuing the Erase Suspend command while erasing suspends the block erase operation.
This allows data to be accessed from memory locations other than the one being
erased. The Erase Suspend command can be issued to any device address. A block
erase operation can be suspended to perform a word or buffer program operation, or a
read operation within any block except the block that is erase suspended (see
Figure 39, “Program Suspend/Resume Flowchart” on page 80).
When a block erase operation is executing, issuing the Erase Suspend command
requests the WSM to suspend the erase algorithm at predetermined points. The device
continues to output Status Register data after the Erase Suspend command is issued.
Block erase is suspended when Status Register bits SR[7,6] are set. Suspend latency is
specified in Section 7.5, “Program and Erase Characteristics” on page 39.
To read data from the device (other than an erase-suspended block), the Read Array
command must be issued. During Erase Suspend, a Program command can be issued
to any block other than the erase-suspended block. Block erase cannot resume until
program operations initiated during erase suspend complete. Read Array, Read Status
Register, Read Device Identifier, CFI Query, and Erase Resume are valid commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com