전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F640P30T85 데이터시트(PDF) 84 Page - Numonyx B.V

부품명 JS28F640P30T85
상세설명  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 데이터시트(HTML) 84 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 80Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 81Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 82Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 83Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 84Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 85Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 86Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 87Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 88Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 99 page
background image
P30
Datasheet
November 2007
84
Order Number: 306666-11
Figure 43: Erase Suspend/Resume Flowchart
Erase
Completed
Read Array
Data
0
0
No
Read
1
Program
Program
Loop
Read Array
Data
1
Yes
Start
Read Status
Register
SR.7 =
SR.6 =
Erase
Resumed
Read or
Program ?
Done?
Write
Write
Standby
Standby
Write
Erase
Suspend
Read Array
or Program
Program
Resume
Data = B0h
Addr = Same partition address as
above
Data = FFh or 40h
Addr = Block to program or read
Check SR.7
1 = WSM ready
0 = WSM busy
Check SR.6
1 = Erase suspended
0 = Erase completed
Data = D0h
Addr = Any address
Bus
Operation
Command
Comments
Read
Status register data. Toggle CE# or
OE# to update Status register
Addr =X
Read or
Write
Read array or program data from/to
block other than the one being erased
ERASE SUSPEND / RESUME PROCEDURE
ERAS_SUS.WMF
Write B0h
Any Address
Erase Suspend
Write 70h
Any Address
Read
Status
Write D0h
Any Address
Erase Resume
Write 70h
Any Address
Read
Status
Write FFh
Any Addres
Read
Array
Write
Read
Status
Data = 70 h
Addr = Any device address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com