전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F640P30T85 데이터시트(PDF) 66 Page - Numonyx B.V

부품명 JS28F640P30T85
상세설명  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 데이터시트(HTML) 66 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 62Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 63Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 64Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 65Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 66Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 67Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 68Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 69Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 70Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 99 page
background image
P30
Datasheet
November 2007
66
Order Number: 306666-11
If a block is locked or locked-down during an erase suspend of the same block, the lock
status bits change immediately. However, the erase operation completes when it is
resumed. Block lock operations cannot occur during a program suspend. See Appendix
A, “Write State Machine” on page 72, which shows valid commands during an erase
suspend.
13.2
Selectable One-Time Programmable Blocks
Any of four pre-defined areas from the main array (the four 32-KB parameter blocks
together as one and three adjacent 128 KB main blocks) can be configured as OTP so
further program and erase operations are not allowed. This option is available for top or
bottom parameter devices.
Note:
Please see your local Numonyx representative for details about the Selectable OTP
implementation.
13.3
Protection Registers
The device contains 17 Protection Registers (PRs) that can be used to implement
system security measures and/or device identification. Each Protection Register can be
individually locked.
The first 128-bit Protection Register is comprised of two 64-bit (8-word) segments. The
lower 64-bit segment is pre-programmed at the Numonyx factory with a unique 64-bit
number. The other 64-bit segment, as well as the other sixteen 128-bit Protection
Registers, are blank. Users can program these registers as needed. When programmed,
users can then lock the Protection Register(s) to prevent additional bit programming
(see Figure 31, “Protection Register Map” on page 67).
Table 31: Selectable OTP Block Mapping
Density
Top Parameter Configuration
Bottom Parameter Configuration
256-Mbit
blocks 258:255 (parameters)
blocks 3:0 (parameters)
block 254 (main)
block 4 (main)
block 253 (main)
block 5 (main)
block 252 (main)
block 6 (main)
128-Mbit
blocks 130:127 (parameters)
blocks 3:0 (parameters)
block 126 (main)
block 4 (main)
block 125 (main)
block 5 (main)
block 124 (main)
block 6 (main)
64-Mbit
blocks 66:63 (parameters)
blocks 3:0 (parameters)
block 62 (main)
block 4 (main)
block 61 (main)
block 5 (main)
block 60 (main)
block 6 (main)
Notes:
1.
The 512-Mbit devices will have multiple die and selectable OTP areas depending on the placement of the parameter
blocks.
2.
When programming the OTP bits for a Top Parameter Device, the following upper address bits must also be driven
properly: A[Max:17] driven high (VIH) for TSOP and Easy BGA packages, and A[Max:16] driven high (VIH) for QUAD+
SCSP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com