전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

JS28F640P30T85 데이터시트(PDF) 99 Page - Numonyx B.V

부품명 JS28F640P30T85
상세설명  Numonyx StrataFlash Embedded Memory
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NUMONYX [Numonyx B.V]
홈페이지  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640P30T85 데이터시트(HTML) 99 Page - Numonyx B.V

Back Button JS28F640P30T85 Datasheet HTML 91Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 92Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 93Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 94Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 95Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 96Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 97Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 98Page - Numonyx B.V JS28F640P30T85 Datasheet HTML 99Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 99 / 99 page
background image
November 2007
Datasheet
Order Number: 306666-11
99
P30
Appendix F Ordering Information for SCSP Products
Note:
For 512-Mbit only, “B” is used for both top and bottom Parameter/Mux configurations.
Note:
* The “B” parameter is used for both “top” and “bottom” options in the 512-Mbit density.
Figure 47: Decoder for SCSP P30
Table 50: Valid Combinations for Dual- Die Products
64-Mbit
128-Mbit
256-Mbit
512-Mbit*
RD48F2000P0ZBQ0
RD48F3000P0ZBQ0
RD48F4000P0ZBQ0
RD48F4400P0VBQ0
RD48F2000P0ZTQ0
RD48F3000P0ZTQ0
RD48F4000P0ZTQ0
PF48F4400P0VBQ0
PF48F2000P0ZBQ0
PF48F3000P0ZBQ0
PF48F4000P0ZBQ0
RC48F4400P0VB00
PF48F2000P0ZTQ0
PF48F3000P0ZTQ0
PF48F4000P0ZTQ0
PC48F4400P0VB00
TE48F4400P0VB00
JS48F4400P0VB00
F 4 0
P 0 Z B
8
D 4
R
0 0
Q
Group Designator
48F = Flash Memory only
Package Designator
RD = Intel® SCSP, leaded
P F = Intel® SCSP, lead-free
RC = 64-Ball Easy BGA, leaded
P C = 64-Ball Easy BGA, lead-free
TE = 56-Lead TSOP , leaded
JS = 56-Lead TSOP, lead-free
Flash Density
0 = No die
2 = 64-Mbit
3 = 128-M bit
4 = 256-M bit
0
Product Family
P = Intel StrataFlash® Em bedded M em ory
0 = No die
Device Details
0 = Original version of the product
(refer to the latest version of the
datasheet for details)
Ballout Designator
Q = QUAD+ ballout
0 = Discrete ballout
Parameter, Mux Configuration
B = Bottom Param eter, Non Mux
T = Top Param eter, Non M ux
I/O Voltage, CE# Configuration
Z = Individual Chip Enable(s)
V = Virtual Chip E nable(s)
VCC = 1.7 V – 2.0 V
VCCQ = 1.7 V – 3.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com