전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OMAP3530-HiRel 데이터시트(PDF) 29 Page - Texas Instruments

부품명 OMAP3530-HiRel
상세설명  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530-HiRel 데이터시트(HTML) 29 Page - Texas Instruments

Back Button OMAP3530-HiRel Datasheet HTML 25Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 26Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 27Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 28Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 29Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 30Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 31Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 32Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 239 page
background image
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
www.ti.com
SPRS599 – JUNE 2009
Table 2-1. Ball Characteristics (CBB Pkg.) (continued)
BALL
BALL
PIN
MODE [4]
TYPE [5]
BALL
BALL
RESET
POWER [9]
HYS
BUFFER
PULL
IO
BOTTOM [1]
TOP [2]
NAME [3]
RESET
RESET
REL.
[10]
STRENGTH
U/D
CELL [13]
STATE [6]
REL.
MODE [8]
(mA) [11]
TYPE
STATE [7]
[12]
AE7
NA
etk_d10
0
O
L
L
4
VDDS
Yes
4
PU/ PD
LVCMOS
uart1_rx
2
I
hsusb2_clk
3
O
gpio_24
4
IO
hsusb2_tll_clk
6
O
AF7
NA
etk_d11
0
O
L
L
4
VDDS
Yes
4
PU/ PD
LVCMOS
hsusb2_stp
3
O
gpio_25
4
IO
mm2_rxdp
5
IO
hsusb2_tll_stp
6
I
AG7
NA
etk_d12
0
O
L
L
4
VDDS
Yes
4
PU/ PD
LVCMOS
hsusb2_dir
3
I
gpio_26
4
IO
hsusb2_tll_dir
6
O
AH7
NA
etk_d13
0
O
L
L
4
VDDS
Yes
4
PU/ PD
LVCMOS
hsusb2_nxt
3
I
gpio_27
4
IO
mm2_rxdm
5
IO
hsusb2_tll_nxt
6
O
AG8
NA
etk_d14
0
O
L
L
4
VDDS
Yes
4
PU/ PD
LVCMOS
hsusb2_ data0
3
IO
gpio_28
4
IO
mm2_rxrcv
5
IO
hsusb2_tll_ data0
6
IO
AH8
NA
etk_d15
0
O
L
L
4
VDDS
Yes
4
PU/ PD
LVCMOS
hsusb2_ data1
3
IO
gpio_29
4
IO
mm2_txse0
5
IO
hsusb2_tll_ data1
6
IO
Submit Documentation Feedback
TERMINAL DESCRIPTION
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More