전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OMAP3530-HiRel 데이터시트(PDF) 85 Page - Texas Instruments

부품명 OMAP3530-HiRel
상세설명  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530-HiRel 데이터시트(HTML) 85 Page - Texas Instruments

Back Button OMAP3530-HiRel Datasheet HTML 81Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 82Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 83Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 84Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 85Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 86Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 87Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 88Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 239 page
background image
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
www.ti.com
SPRS599 – JUNE 2009
Table 2-25. General-Purpose IOs Signals Description (continued)
SIGNAL NAME
DESCRIPTION
TYPE(2)
BALL BOTTOM
BALL BOTTOM
(CBB Pkg.)
(CBC Pkg.)
gpio_45
General-purpose IO 45
IO
K2
Y1
gpio_46
General-purpose IO 46
IO
P1
T1
gpio_47
General-purpose IO 47
IO
R1
U2
gpio_48
General-purpose IO 48
IO
R2
U1
gpio_49
General-purpose IO 49
IO
T2
P1
gpio_50
General-purpose IO 50
IO
W1
L2
gpio_51
General-purpose IO 51
IO
Y1
M2
gpio_52
General-purpose IO 52
IO
H3
AD1
gpio_53
General-purpose IO 53
IO
V8
A3
gpio_54
General-purpose IO 54
IO
U8
B6
gpio_55
General-purpose IO 55
IO
T8
B4
gpio_56
General-purpose IO 56
IO
R8
C4
gpio_57
General-purpose IO 57
IO
P8
B5
gpio_58
General-purpose IO 58
IO
N8
C5
gpio_59
General-purpose IO 59
IO
T4
N1
gpio_60
General-purpose IO 60
IO
G3
K2
gpio_61
General-purpose IO 61
IO
U3
J1
gpio_62
General-purpose IO 62
IO
H1
AC6
gpio_63
General-purpose IO 63
IO
L8
AC8
gpio_64
General-purpose IO 64
IO
K8
B3
gpio_65
General-purpose IO 65
IO
J8
C6
gpio_66
General-purpose IO 66
IO
D28
G25
gpio_67
General-purpose IO 67
IO
D26
K24
gpio_68
General-purpose IO 68
IO
D27
M25
gpio_69
General-purpose IO 69
IO
E27
F26
gpio_70
General-purpose IO 70
IO
AG22
AE21
gpio_71
General-purpose IO 71
IO
AH22
AE22
gpio_72
General-purpose IO 72
IO
AG23
AE23
gpio_73
General-purpose IO 73
IO
AH23
AE24
gpio_74
General-purpose IO 74
IO
AG24
AD23
gpio_75
General-purpose IO 75
IO
AH24
AD24
gpio_76
General-purpose IO 76
IO
E26
G26
gpio_77
General-purpose IO 77
IO
F28
H25
gpio_78
General-purpose IO 78
IO
F27
H26
gpio_79
General-purpose IO 79
IO
G26
J26
gpio_80
General-purpose IO 80
IO
AD28
AC26
gpio_81
General-purpose IO 81
IO
AD27
AD26
gpio_82
General-purpose IO 82
IO
AA25
gpio_83
General-purpose IO 83
IO
Y25
gpio_84
General-purpose IO 84
IO
AA26
gpio_85
General-purpose IO 85
IO
AB26
gpio_86
General-purpose IO 86
IO
G25
L25
gpio_87
General-purpose IO 87
IO
H27
L26
gpio_88
General-purpose IO 88
IO
H26
M24
gpio_89
General-purpose IO 89
IO
H25
M26
gpio_90
General-purpose IO 90
IO
E28
F25
Submit Documentation Feedback
TERMINAL DESCRIPTION
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More