전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OMAP3530-HiRel 데이터시트(PDF) 52 Page - Texas Instruments

부품명 OMAP3530-HiRel
상세설명  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530-HiRel 데이터시트(HTML) 52 Page - Texas Instruments

Back Button OMAP3530-HiRel Datasheet HTML 48Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 49Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 50Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 51Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 52Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 53Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 54Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 55Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 239 page
background image
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
SPRS599 – JUNE 2009
www.ti.com
Table 2-3. Multiplexing Characteristics (CBB Pkg.) (continued)
Ball
Ball
Mode 0
Mode 1
Mode 2
Mode 3
Mode 4
Mode 5
Mode 6
Mode 7
Bottom
Top
H2
AB3
gpmc_d8
-
-
-
gpio_44
-
-
safe_mode
K2
AC3
gpmc_d9
-
-
-
gpio_45
-
-
safe_mode
P1
AB4
gpmc_d10
-
-
-
gpio_46
-
-
safe_mode
R1
AC4
gpmc_d11
-
-
-
gpio_47
-
-
safe_mode
R2
AB6
gpmc_d12
-
-
-
gpio_48
-
-
safe_mode
T2
AC6
gpmc_d13
-
-
-
gpio_49
-
-
safe_mode
W1
AB7
gpmc_d14
-
-
-
gpio_50
-
-
safe_mode
Y1
AC7
gpmc_d15
-
-
-
gpio_51
-
-
safe_mode
G4
Y2
gpmc_ncs0
-
-
-
-
-
-
-
H3
Y1
gpmc_ncs1
-
-
-
gpio_52
-
-
safe_mode
V8
NA
gpmc_ncs2
-
-
-
gpio_53
-
-
safe_mode
U8
NA
gpmc_ncs3
sys_
-
-
gpio_54
-
-
safe_mode
ndmareq0
T8
NA
gpmc_ncs4
sys_
mcbsp4_clkx
gpt9_pwm_
gpio_55
-
-
safe_mode
ndmareq1
evt
R8
NA
gpmc_ncs5
sys_
mcbsp4_dr
gpt10_pwm_
gpio_56
-
-
safe_mode
ndmareq2
evt
P8
NA
gpmc_ncs6
sys_
mcbsp4_dx
gpt11_pwm_
gpio_57
-
-
safe_mode
ndmareq3
evt
N8
NA
gpmc_ncs7
gpmc_io_dir
mcbsp4_fsx
gpt8_pwm_
gpio_58
-
-
safe_mode
evt
T4
W2
gpmc_clk
-
-
-
gpio_59
-
-
safe_mode
F3
W1
gpmc_nadv_
-
-
-
-
-
-
-
ale
G2
V2
gpmc_noe
-
-
-
-
-
-
-
F4
V1
gpmc_nwe
-
-
-
-
-
-
-
G3
AC12
gpmc_nbe0_
-
-
-
gpio_60
-
-
safe_mode
cle
U3
NA
gpmc_nbe1
-
-
-
gpio_61
-
-
safe_mode
H1
AB10
gpmc_nwp
-
-
-
gpio_62
-
-
safe_mode
M8
AB12
gpmc_wait0
-
-
-
-
-
-
-
L8
AC10
gpmc_wait1
-
-
-
gpio_63
-
-
safe_mode
K8
NA
gpmc_wait2
-
-
-
gpio_64
-
-
safe_mode
J8
NA
gpmc_wait3
sys_
-
-
gpio_65
-
-
safe_mode
ndmareq1
D28
NA
dss_pclk
-
-
-
gpio_66
-
-
safe_mode
D26
NA
dss_hsync
-
-
-
gpio_67
-
-
safe_mode
D27
NA
dss_vsync
-
-
-
gpio_68
-
-
safe_mode
E27
NA
dss_acbias
-
-
-
gpio_69
-
-
safe_mode
AG22
NA
dss_data0
-
uart1_cts
-
gpio_70
-
-
safe_mode
AH22
NA
dss_data1
-
uart1_rts
-
gpio_71
-
-
safe_mode
AG23
NA
dss_data2
-
-
-
gpio_72
-
-
safe_mode
AH23
NA
dss_data3
-
-
-
gpio_73
-
-
safe_mode
AG24
NA
dss_data4
-
uart3_rx_irrx
-
gpio_74
-
-
safe_mode
AH24
NA
dss_data5
-
uart3_tx_irtx
-
gpio_75
-
-
safe_mode
E26
NA
dss_data6
-
uart1_tx
-
gpio_76
-
-
safe_mode
F28
NA
dss_data7
-
uart1_rx
-
gpio_77
-
-
safe_mode
F27
NA
dss_data8
-
-
-
gpio_78
-
-
safe_mode
G26
NA
dss_data9
-
-
-
gpio_79
-
-
safe_mode
TERMINAL DESCRIPTION
52
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More