전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OMAP3530-HiRel 데이터시트(PDF) 36 Page - Texas Instruments

부품명 OMAP3530-HiRel
상세설명  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530-HiRel 데이터시트(HTML) 36 Page - Texas Instruments

Back Button OMAP3530-HiRel Datasheet HTML 32Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 33Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 34Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 35Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 36Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 37Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 38Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 39Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 239 page
background image
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
SPRS599 – JUNE 2009
www.ti.com
Table 2-2. Ball Characteristics (CBC Pkg.) (continued)
BALL
BALL
PIN
MODE
TYPE
BALL
BALL
RESET
POWER
HYS
BUFFER
PULLUP
IO
BOTTOM
TOP
NAME
[5]
[6]
RESET
RESET
REL.
[10]
[11]
STRENG
/DOWN
CELL
[1]
[2]
[4]
STATE
REL.
MODE
TH
TYPE
[14]
[7]
STATE
[9]
(mA)
[13]
[8]
[12]
safe_mode
7
-
N2
L2
gpmc_noe
0
O
1
1
0
vdds_io
No
4
(1)
NA
LVCMOS
M1
K1
gpmc_nwe
0
O
1
1
0
vdds_io
No
4
(1)
NA
LVCMOS
AC6
Y5
gpmc_nwp
0
O
L
0
0
vdds_io
Yes
4
(1)
PU100/
LVCMOS
PD100
gpio_62
4
IO
safe_mode
7
-
AC11
Y10
gpmc_wait0
0
I
H
H
0
vdds_io
Yes
4
(1)
PU100/
LVCMOS
PD100
AC8
Y8
gpmc_wait1
0
I
H
H
7
vdds_io
Yes
4
(1)
PU100/
LVCMOS
PD100
gpio_63
4
IO
safe_mode
7
-
B3
-
gpmc_wait2
0
I
H
H
7
vdds_io
Yes
4
(1)
PU100/
LVCMOS
PD100
gpio_64
4
IO
safe_mode
7
-
C6
-
gpmc_wait3
0
I
H
H
7
vdds_io
Yes
4
(1)
PU100/
LVCMOS
PD100
sys_ndmareq1
1
I
gpio_65
4
IO
safe_mode
7
-
W19
-
hsusb0_clk
0
I
L
L
7
vdds_io
Yes
4
(2)
PU100/
LVCMOS
PD100
gpio_120
4
IO
safe_mode
7
-
V20
-
hsusb0_data0
0
IO
L
L
7
vdds_io
Yes
4
(2)
PU100/
LVCMOS
PD100
uart3_tx_irtx
2
O
gpio_125
4
IO
safe_mode
7
-
Y20
-
hsusb0_data1
0
IO
L
L
7
vdds_io
Yes
4
(2)
PU100/
LVCMOS
PD100
uart3_rx_irrx
2
I
gpio_130
4
IO
safe_mode
7
-
V18
-
hsusb0_data2
0
IO
L
L
7
vdds_io
Yes
4
(2)
PU100/
LVCMOS
PD100
uart3_rts_sd
2
O
gpio_131
4
IO
safe_mode
7
-
W20
-
hsusb0_data3
0
IO
L
L
7
vdds_io
Yes
4
(2)
PU100/
LVCMOS
PD100
uart3_cts_rctx
2
IO
gpio_169
4
IO
safe_mode
7
-
W17
-
hsusb0_data4
0
IO
L
L
7
vdds_io
Yes
4
(2)
PU100/
LVCMOS
PD100
gpio_188
4
IO
safe_mode
7
-
Y18
-
hsusb0_data5
0
IO
L
L
7
vdds_io
Yes
4
(2)
PU100/
LVCMOS
PD100
gpio_189
4
IO
safe_mode
7
-
Y19
-
hsusb0_data6
0
IO
L
L
7
vdds_io
Yes
4
(2)
PU100/
LVCMOS
PD100
gpio_190
4
IO
safe_mode
7
-
Y17
-
hsusb0_data7
0
IO
L
L
7
vdds_io
Yes
4
(2)
PU100/
LVCMOS
PD100
gpio_191
4
IO
safe_mode
7
-
V19
-
hsusb0_dir
0
I
L
L
7
vdds_io
Yes
4
(2)
PU100/
LVCMOS
PD100
gpio_122
4
IO
safe_mode
7
-
(2)
The capacity load range is [2 pf to 6 pF].
TERMINAL DESCRIPTION
36
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com