전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OMAP3530-HiRel 데이터시트(PDF) 38 Page - Texas Instruments

부품명 OMAP3530-HiRel
상세설명  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530-HiRel 데이터시트(HTML) 38 Page - Texas Instruments

Back Button OMAP3530-HiRel Datasheet HTML 34Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 35Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 36Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 37Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 38Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 39Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 40Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 41Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 239 page
background image
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
SPRS599 – JUNE 2009
www.ti.com
Table 2-2. Ball Characteristics (CBC Pkg.) (continued)
BALL
BALL
PIN
MODE
TYPE
BALL
BALL
RESET
POWER
HYS
BUFFER
PULLUP
IO
BOTTOM
TOP
NAME
[5]
[6]
RESET
RESET
REL.
[10]
[11]
STRENG
/DOWN
CELL
[1]
[2]
[4]
STATE
REL.
MODE
TH
TYPE
[14]
[7]
STATE
[9]
(mA)
[13]
[8]
[12]
P19
-
mmc1_dat7
0
IO
L
L
7
vdds_mmc1a
No
8
PU/PD
(3)
LVCMOS
-
2
O
gpio_129
4
IO
safe_mode
7
-
J25
-
i2c1_scl
0
IOD
H
H
0
vdds_io
Yes
3
PU100/
Open Drain
PD100
J24
-
i2c1_sda
0
IOD
H
H
0
vdds_io
Yes
3
PU100/
Open Drain
PD100
C2
-
i2c2_scl
0
IOD
H
H
7
vdds_io
Yes
3
PU100/
LVCMOS
PD100
Open Drain
gpio_168
4
IO
4
safe_mode
7
-
4
C1
-
i2c2_sda
0
IOD
H
H
7
vdds_io
Yes
3
PU100/
LVCMOS
PD100
Open Drain
gpio_183
4
IO
4
safe_mode
7
-
4
AB4
-
i2c3_scl
0
IOD
H
H
7
vdds_io
Yes
3
PU100/
LVCMOS
PD100
Open Drain
gpio_184
4
IO
4
safe_mode
7
-
4
AC4
-
i2c3_sda
0
IOD
H
H
7
vdds_io
Yes
3
PU100/
LVCMOS
PD100
Open Drain
gpio_185
4
IO
4
safe_mode
7
-
4
U19
-
mcbsp1_clkr
0
IO
L
L
7
vdds_io
Yes
4
(2)
PU100/
LVCMOS
PD100
mcspi4_clk
1
IO
-
2
I
gpio_156
4
IO
safe_mode
7
-
T17
-
mcbsp1_clkx
0
IO
L
L
7
vdds_io
Yes
4
(2)
PU100/
LVCMOS
PD100
mcbsp3_clkx
2
IO
gpio_162
4
IO
safe_mode
7
-
T20
-
mcbsp1_dr
0
I
L
L
7
vdds_io
Yes
4
(2)
PU100/
LVCMOS
PD100
mcspi4_somi
1
IO
mcbsp3_dr
2
I
gpio_159
4
IO
safe_mode
7
-
U17
-
mcbsp1_dx
0
IO
L
L
7
vdds_io
Yes
4
(2)
PU100/
LVCMOS
PD100
mcspi4_simo
1
IO
mcbsp3_dx
2
IO
gpio_158
4
IO
safe_mode
7
-
V17
-
mcbsp1_fsr
0
IO
L
L
7
vdds_io
Yes
4
(2)
PU100/
LVCMOS
PD100
-
1
I
cam_global_reset
2
IO
gpio_157
4
IO
safe_mode
7
-
P20
-
mcbsp1_fsx
0
IO
L
L
7
vdds_io
Yes
4
(2)
PU100/
LVCMOS
PD100
mcspi4_cs0
1
IO
mcbsp3_fsx
2
IO
gpio_161
4
IO
safe_mode
7
-
R18
-
mcbsp2_clkx
0
IO
L
L
7
vdds_io
Yes
4
(4)
PU100/
LVCMOS
PD100
gpio_117
4
IO
safe_mode
7
-
(4)
The buffer strength of this IO cell is programmable (2, 4, 6, or 8 mA) according to the selected mode; the default value is described in
the above table.
TERMINAL DESCRIPTION
38
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com