전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OMAP3530-HiRel 데이터시트(PDF) 68 Page - Texas Instruments

부품명 OMAP3530-HiRel
상세설명  OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

OMAP3530-HiRel 데이터시트(HTML) 68 Page - Texas Instruments

Back Button OMAP3530-HiRel Datasheet HTML 64Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 65Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 66Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 67Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 68Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 69Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 70Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 71Page - Texas Instruments OMAP3530-HiRel Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 239 page
background image
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
SPRS599 – JUNE 2009
www.ti.com
Table 2-5. External Memory Interfaces – GPMC Signals Description (continued)
SIGNAL
DESCRIPTION [2]
TYPE
BALL
BALL
BALL BOTTOM
BALL TOP
SUBSYSTEM
NAME [1]
[3]
BOTTOM
TOP
(CBC Pkg.) [4]
(CBC Pkg.) [5]
PIN
(CBB
(CBB
MULTIPLEXIN
Pkg.) [4]
Pkg.) [5]
G
[6]
gpmc_d14
GPMC Data bit 14
IO
W1
AB7
L2
J2
gpmc_a15/
gpmc_d14
gpmc_d15
GPMC Data bit 15
IO
Y1
AC7
M2
K2
gpmc_a16/
gpmc_d15
gpmc_ncs0
GPMC Chip Select bit 0
O
G4
Y2
AD8
AA8
-
gpmc_ncs1
GPMC Chip Select bit 1
O
H3
Y1
AD1
W1
-
gpmc_ncs2
GPMC Chip Select bit 2
O
V8
NA
A3
-
-
gpmc_ncs3
GPMC Chip Select bit 3
O
U8
NA
B6
-
-
gpmc_ncs4
GPMC Chip Select bit 4
O
T8
NA
B4
-
-
gpmc_ncs5
GPMC Chip Select bit 5
O
R8
NA
C4
-
-
gpmc_ncs6
GPMC Chip Select bit 6
O
P8
NA
B5
-
-
gpmc_ncs7
GPMC Chip Select bit 7
O
N8
NA
C5
-
-
gpmc_io_dir
GPMC IO direction control for
O
N8
NA
C5
-
-
use with external transceivers
gpmc_clk
GPMC clock
O
T4
W2
N1
L1
-
gpmc_nadv_al
Address Valid or Address Latch
O
F3
W1
AD10
AA9
-
e
Enable
gpmc_noe
Output Enable
O
G2
V2
N2
L2
-
gpmc_nwe
Write Enable
O
F4
V1
M1
K1
-
gpmc_nbe0_cl
Lower Byte Enable. Also used for
O
G3
AC12
K2
-
-
e
Command Latch Enable
gpmc_nbe1
Upper Byte Enable
O
U3
NA
J1
-
-
gpmc_nwp
Flash Write Protect
O
H1
AB10
AC6
Y5
-
gpmc_wait0
External indication of wait
I
M8
AB12
AC11
Y10
-
gpmc_wait1
External indication of wait
I
L8
AC10
AC8
Y8
-
gpmc_wait2
External indication of wait
I
K8
NA
B3
-
-
gpmc_wait3
External indication of wait
I
J8
NA
C6
-
-
Table 2-6. External Memory Interfaces – SDRC Signals Description
SIGNAL
DESCRIPTION
TYPE(1)
BALL BOTTOM
BALL TOP
BALL BOTTOM
BALL TOP
NAME
(CBB Pkg.)
(CBB Pkg.)
(CBC Pkg.)
(CBC Pkg.)
sdrc_d0
SDRAM data bit 0
IO
D6
J2
-
D1
sdrc_d1
SDRAM data bit 1
IO
C6
J1
-
G1
sdrc_d2
SDRAM data bit 2
IO
B6
G2
-
G2
sdrc_d3
SDRAM data bit 3
IO
C8
G1
-
E1
sdrc_d4
SDRAM data bit 4
IO
C9
F2
-
D2
sdrc_d5
SDRAM data bit 5
IO
A7
F1
-
E2
sdrc_d6
SDRAM data bit 6
IO
B9
D2
-
B3
sdrc_d7
SDRAM data bit 7
IO
A9
D1
-
B4
sdrc_d8
SDRAM data bit 8
IO
C14
B13
-
A10
sdrc_d9
SDRAM data bit 9
IO
B14
A13
-
B11
sdrc_d10
SDRAM data bit 10
IO
C15
B14
-
A11
sdrc_d11
SDRAM data bit 11
IO
B16
A14
-
B12
sdrc_d12
SDRAM data bit 12
IO
D17
B16
-
A16
sdrc_d13
SDRAM data bit 13
IO
C17
A16
-
A17
(1)
Type = Ball type for this specific function (I = Input, O = Output, Z = high-impedance, D = Open Drain, DS = Differential, A = Analog).
TERMINAL DESCRIPTION
68
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com