| 전자부품 데이터시트 검색엔진 |
|
OMAP3530-HiRel 데이터시트(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530-HiRel 데이터시트(HTML) 34 Page - Texas Instruments |
|
34 / 239 page ![]() OMAP3525-HiRel and OMAP3530-HiRel Applications Processors SPRS599 – JUNE 2009 www.ti.com Table 2-2. Ball Characteristics (CBC Pkg.) (continued) BALL BALL PIN MODE TYPE BALL BALL RESET POWER HYS BUFFER PULLUP IO BOTTOM TOP NAME [5] [6] RESET RESET REL. [10] [11] STRENG /DOWN CELL [1] [2] [4] STATE REL. MODE TH TYPE [14] [7] STATE [9] (mA) [13] [8] [12] safe_mode 7 - G2 - gpmc_a4 0 O L L 7 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 gpio_37 4 IO safe_mode 7 - F1 - gpmc_a5 0 O L L 7 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 gpio_38 4 IO safe_mode 7 - F2 - gpmc_a6 0 O H H 7 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 gpio_39 4 IO safe_mode 7 - E1 - gpmc_a7 0 O H H 7 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 gpio_40 4 IO safe_mode 7 - E2 - gpmc_a8 0 O H H 7 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 gpio_41 4 IO safe_mode 7 - D1 - gpmc_a9 0 O H H 7 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 sys_ndmareq2 1 I gpio_42 4 IO safe_mode 7 - D2 - gpmc_a10 0 O H H 7 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 sys_ndmareq3 1 I gpio_43 4 IO safe_mode 7 - N1 L1 gpmc_clk 0 O L 0 0 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 gpio_59 4 IO safe_mode 7 - AA2 U2 gpmc_d0 0 IO H H 0 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 AA1 U1 gpmc_d1 0 IO H H 0 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 AC2 V2 gpmc_d2 0 IO H H 0 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 AC1 V1 gpmc_d3 0 IO H H 0 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 AE5 AA3 gpmc_d4 0 IO H H 0 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 AD6 AA4 gpmc_d5 0 IO H H 0 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 AD5 Y3 gpmc_d6 0 IO H H 0 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 AC5 Y4 gpmc_d7 0 IO H H 0 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 V1 R1 gpmc_d8 0 IO H H 0 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 gpio_44 4 IO safe_mode 7 - Y1 T1 gpmc_d9 0 IO H H 0 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 gpio_45 4 IO safe_mode 7 - T1 N1 gpmc_d10 0 IO H H 0 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 gpio_46 4 IO safe_mode 7 - U2 P2 gpmc_d11 0 IO H H 0 vdds_io Yes 4 (1) PU100/ LVCMOS PD100 gpio_47 4 IO safe_mode 7 - TERMINAL DESCRIPTION 34 Submit Documentation Feedback |