| 전자부품 데이터시트 검색엔진 |
|
OMAP3530-HiRel 데이터시트(PDF) 123 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530-HiRel 데이터시트(HTML) 123 Page - Texas Instruments |
|
123 / 239 page ![]() OMAP3525-HiRel and OMAP3530-HiRel Applications Processors www.ti.com SPRS599 – JUNE 2009 Table 5-1. External Pins of 10-bit Video DAC (continued) PIN NAME I/O DESCRIPTION tv_out2 O TV analog output S-VIDEO DAC2 video output. An external resistor is connected between this node and tv_vfb2. The nominal value of ROUT2 is 1650 Ω. Finally, note that this is the output node that drives the load (75 Ω). tv_vref I Reference output voltage from internal A decoupling capacitor (CBG) needs to be connected for optimum bandgap performance. tv_vfb1 O Amplifier feedback node Amplifier feedback node. An external resistor is connected between this node and tv_out1. The nominal value of ROUT1 is 1650 Ω (1%). tv_vfb2 O Amplifier feedback node Amplifier feedback node. An external resistor is connected between this node and tv_out2. The nominal value of ROUT2 is 1650 Ω (1%). Submit Documentation Feedback VIDEO DAC SPECIFICATIONS 123 |