전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IMX35 데이터시트(PDF) 132 Page - Freescale Semiconductor, Inc

부품명 IMX35
상세설명  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 데이터시트(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 128Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 129Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 130Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 131Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 132Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 133Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 134Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 135Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
132
5.2
MAPBGA Signal Assignments
Table 90 and Table 91 list MAPBGA signals, alphabetized by signal name, for silicon revisions 2.0 and
2.1, respectively. Table 92 and Table 93 show the signal assignment on the i.MX35 ball map for silicon
revisions 2.0 and 2.1, respectively. The ball map for silicon revision 2.1 is different than the ballmap for
silicon revision 2.0. The layout for each revision is not compatible, so it is important that the correct
ballmap be used to implement the layout.
Table 90. Silicon Revision 2.0 Signal Ball Map Locations
Signal ID
Ball Location
Signal ID
Ball Location
A0
A5
ATA_DATA7
Y3
A1
D7
ATA_DATA8
U4
A10
F15
ATA_DATA9
W3
A11
D5
ATA_DIOR
Y6
A12
F6
ATA_DIOW
W6
A13
B3
ATA_DMACK
V6
A14
D14
ATA_DMARQ
T3
A15
D15
ATA_INTRQ
V2
A16
D13
ATA_IORDY
U6
A17
D12
ATA_RESET_B
T6
A18
E11
BCLK
E14
A19
D11
BOOT_MODE0
W10
A2
E7
BOOT_MODE1
U9
A20
D10
CAPTURE
V12
A21
E10
CAS
E16
A22
D9
CLK_MODE0
Y10
A23
E9
CLK_MODE1
T10
A24
D8
CLKO
V10
A25
E8
COMPARE
T12
A3
C6
CONTRAST
L16
A4
D6
CS0
F17
A5
B5
CS1
E19
A6
C5
CS2
B20
A7
A4
CS3
C19
A8
B4
CS4
E18
A9
A3
CS5
F19
ATA_BUFF_EN
T5
CSI_D10
V16
ATA_CS0
V7
CSI_D11
T15
ATA_CS1
T7
CSI_D12
W16
ATA_DA0
R4
CSI_D13
V15
ATA_DA1
V1
CSI_D14
U14
ATA_DA2
R5
CSI_D15
Y16
ATA_DATA0
Y5
CSI_D8
U15
ATA_DATA1
W5
CSI_D9
W17
ATA_DATA10
V3
CSI_HSYNC
V14
ATA_DATA11
Y2
CSI_MCLK
W15
ATA_DATA12
U3
CSI_PIXCLK
Y15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More