전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33596FCE/R2 데이터시트(PDF) 28 Page - Freescale Semiconductor, Inc

부품명 MC33596FCE/R2
상세설명  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 데이터시트(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Power-On Reset and MC33596 Startup
Freescale Semiconductor
28
Figure 21. Valid Sequence from Standby/LVD Mode to Configuration Mode
Figure 22 describes the sequence for enabling a correct transition from receive mode to configuration
mode.
1. MC33596 is in receive mode.
2. CONFB is forced to low level during one digital period Tdigclk in order to reset the state machine
only.
3. CONFB is set to high level during the time length of an ID.
Figure 22. Valid Sequence from Receive Mode to Configuration Mode
14
Power-On Reset and MC33596 Startup
The startup sequence can be divided into three stages as defined in Figure 23:
1. The power supply is applied to the MC33596 and an external pullup resistor on CONFB is required
to enter standby mode. SEB can be either set to low level if the SPI access is not shared with
another external MCU, or connected to an external pullup resistor (see Section 9, “MCU
Interface”).
During this stage and during the ramp-up of the power supply, signals from the MCU connected to
the MC33596 are undefined. That is why the MC33596 must start in standby mode.
NOTE
Along with the ramp-up of power supply, one of these two conditions must
be complied with:
— Power supply of the MC33596 must rise in 1 ms from 0 V to 3 V.
— The level on STROBE pin is lower than 0.75 V until the power supply reaches 3 V.
STROBE
CONFB
SEB
SPI Startup Time
SCLK
STROBE
CONFB
MOSI
SEB
12
3
SCLK
STROBE
CONFB
MOSI
SEB
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com