전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33596FCE/R2 데이터시트(PDF) 42 Page - Freescale Semiconductor, Inc

부품명 MC33596FCE/R2
상세설명  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 데이터시트(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Bank Access and Register Mapping
Freescale Semiconductor
42
Bits RSSI[3:0] contain the result of the analog-to-digital conversion of the signal measured at the IF filter
output.
17
Bank Access and Register Mapping
Registers are physically mapped following a byte organization. The possible address space is 32 bytes. The
base address is specified in the command byte. This is then incremented internally to address each register,
up to the number of registers specified by N[1:0], also specified by this command byte. All registers can
then be scanned, whatever the type of transmission (read or write); however, writing to read-only bits or
registers has no effect. When the last implemented address is reached, the internal address counter
automatically loops back to the first mapped address ($00).
At any time, it is possible to write or read the content of any register of Bank A and Bank B. Register access
is defined as follows:
R/W
Bit can be read and written.
R
Bit can be read. Write has no effect on bit value.
RR
Bit can be read. Read or write resets the value.
R [A]
Bit can be read. This returns the same value as Bank A.
RR [A]
Bit can be read. This returns the same value as Bank A. Read or write resets the value.
Table 20. Access to Specific Bits
Bit
Bank
Byte
Access
Comment
RESET
A
CONFIG1
R/W
Available in BANKA.
OLS
A, B
CONFIG3
R-R[A]
Bit value is the real time status of the PLL, BANKA,
and BANKB access reflect the same value.
LDVS
A, B
CONFIG3
RR-RR[A}
Bit value is the latched value of the low-voltage
detector. Read or write from any bank resets value.
SOE
A, B
CONFIG2
R/W-R[A}
SOE can be modified in BANKA. Access from BANKB
reflects BANKA value.
RSSIx
A, B
RSSI
R-R[A}
RSSI value is directly read from RSSI converter.
Reflected value is the same whatever the active byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com