전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33596FCE/R2 데이터시트(PDF) 52 Page - Freescale Semiconductor, Inc

부품명 MC33596FCE/R2
상세설명  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 데이터시트(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MC33596FCE/R2 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
MC33596 Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
52
Figure 40. FSK Sensitivity Variation Versus Frequency Deviation
19.3 Receiver Parameters
Operating supply voltage and temperature range see Table 3. Values refer to the circuit recommended in the application
schematics Figure 43 through Figure 46), unless otherwise specified. Typical values reflect average measurement at VCC = 3.0
V, TA = 25°C.
Parameter
Test Conditions
Comments
Limits
Unit
Min
Typ
Max
Receiver: IF filter, IF Amplifier, FM-to-AM Converter and Envelope Detector
3.1 IF center frequency
Refer to Section 8, “Frequency
Planning”.
—1.5
—
MHz
3.2 IF bandwidth at –3dB
—
380
—
kHz
3.3 IF cut-off low frequency at –3 dB
—
—
1.387
MHz
3.4 IF cut-off high frequency at –3 dB
1.635
—
—
MHz
3.12 Recovery time from strong signal OOK modulation, 2.4 kbps,
FAGC = 0, input signal from
–50 dBm to –100 dBm
—15—
ms
Sensitivity Variation Versus Frequency Deviation
(Ref : 25°C, 3V, 434MHz, FSK +/-64kHz, 4800bps)
-1,0
-0,5
0,0
0,5
1,0
1,5
2,0
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
Frequency Deviation (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com