전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33596FCE/R2 데이터시트(PDF) 5 Page - Freescale Semiconductor, Inc

부품명 MC33596FCE/R2
상세설명  PLL Tuned UHF Receiver for Data Transfer Applications
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33596FCE/R2 데이터시트(HTML) 5 Page - Freescale Semiconductor, Inc

  MC33596FCE/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33596FCE/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
Maximum Ratings
MC33596 Data Sheet, Rev. 4
Freescale Semiconductor
5
4
Maximum Ratings
Table 2. Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage on pin: VCCIN
VCCIN
VGND–0.3 to 5.5
V
Supply voltage on pins: VCCINOUT, VCCDIG
VCC
VGND–0.3 to 3.6
V
Supply voltage on pins: VCC2IN, VCC2RF, VCC2VCO
VCC2
VGND–0.3 to 2.7
V
Voltage allowed on each pin (except digital pins)
—
VGND–0.3 to VCC2
V
Voltage allowed on digital pins: SEB, SCLK, MISO, MOSI, CONFB,
DATACLK, RSSIC, STROBE
VCCIO
VGND–0.3 to VCC+0.3
V
ESD HBM voltage capability on each pin1
NOTES:
1
Human body model, AEC-Q100-002 rev. C.
—
±2000
V
ESD MM voltage capability on each pin2
2
Machine model, AEC-Q100-003 rev. C.
—
±200
V
Solder heat resistance test (10 s)
—
260
°C
Storage temperature
TS
–65 to +150
°C
Junction temperature
TJ
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com